Electronic Components Datasheet Search
  English  ▼

X  

USB-0502 Datasheet(PDF) 1 Page - Level One

Part # USB-0502
Description  A single USB port 10/100/1000Mbps wire speed transmission and reception Built-in 3-Port Super Speed USB 3.0 hub
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LVL1 [Level One]
Direct Link  http://www.level1.com/
Logo LVL1 - Level One

USB-0502 Datasheet(HTML) 1 Page - Level One

  USB-0502 Datasheet HTML 1Page - Level One USB-0502 Datasheet HTML 2Page - Level One USB-0502 Datasheet HTML 3Page - Level One USB-0502 Datasheet HTML 4Page - Level One USB-0502 Datasheet HTML 5Page - Level One  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
USB-0502 Version: 1
Gigabit USB Network Adapter with USB Hub
Fast and easy connection with USB
The LevelOne Gigabit USB Network Adapter with 3-Port USB Hub allows easy connection to the internet
through the built-in USB port on your laptop or gaming console. Now you no longer need to have an
Ethernet connection in order to surf the web. This is an ideal solution for MacBook Air (100% Mac
compatible) or other computers that may have wireless built-in but don’t come with an Ethernet port.
Sometimes you need to physically connect to a network cable to help transfer files or access secure
information. The USB-0502 easily does the job, all through your USB port. The USB-0502 also provides a
USB hub with 3 extra ports, so you can connect external USB peripherals such as an MP3 player, digital
camera, printer or pen drive. The USB-0502 establishes a direct point-to-point contact between the hub and
the adapter that's plugged into your PC.
Reliable, efficient and standards compliant
The USB-0502 is USB 2.0 and 3.0 compliant. It also follows Ethernet standards 802.3, 802.3u and 802.3ab
as set by the IEEE, allowing you to take advantage of Gigabit Ethernet speeds of up to 1000Mbps. This
provides a strong backbone for any high-speed broadband connection to the internet as well as fast speeds
for Local Area Network file transfers.
www.level1.com
Page 1 of 5


Similar Part No. - USB-0502

ManufacturerPart #DatasheetDescription
logo
Pro-Signal
USB-002 PROSIGNAL-USB-002 Datasheet
96Kb / 1P
USB Data Link
26/04/09 V1.0
USB-0039DBL PROSIGNAL-USB-0039DBL Datasheet
115Kb / 1P
USB Double Serial Adaptor
12/05/12 V1.1
USB-0044S PROSIGNAL-USB-0044S Datasheet
30Kb / 1P
PS2 to USB Keyboard Adaptor
logo
Level One
USB-0301 LVL1-USB-0301 Datasheet
374Kb / 4P
A single USB port 10/100Mbps wire speed transmission and reception Supports IPv4/IPv6 network operation
USB-0401 LVL1-USB-0401 Datasheet
460Kb / 3P
Gigabit USB Network Adapter
More results

Similar Description - USB-0502

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
USB2513 SMSC-USB2513 Datasheet
998Kb / 48P
USB 2.0 High-Speed 3-Port Hub Controller
logo
Texas Instruments
TUSB8040 TI1-TUSB8040 Datasheet
300Kb / 27P
USB 3.0 Four Port Hub High-Speed Upstream Connection
logo
SMSC Corporation
USB2533 SMSC-USB2533 Datasheet
891Kb / 61P
USB 2.0 Hi-Speed 3-Port Hub Controller
logo
Level One
GEP-1621 LVL1-GEP-1621 Datasheet
436Kb / 5P
16 PoE-Plus Gigabit Ethernet ports 10/100/1000Mbps wire speed transmission and reception
GEP-1622 LVL1-GEP-1622 Datasheet
381Kb / 4P
16 PoE-Plus Gigabit Ethernet ports 10/100/1000Mbps wire speed transmission and reception
USB-0301 LVL1-USB-0301 Datasheet
374Kb / 4P
A single USB port 10/100Mbps wire speed transmission and reception Supports IPv4/IPv6 network operation
logo
Microchip Technology
USB2533 MICROCHIP-USB2533 Datasheet
537Kb / 50P
USB 2.0 Hi-Speed 3-Port Hub Controller
03/25/14
USB3813 MICROCHIP-USB3813 Datasheet
522Kb / 57P
USB 2.0 Hi-Speed 3-Port Hub Controller
03/25/14
logo
Coolgear Inc.
USBG-4PMINIH COOLGEAR-USBG-4PMINIH Datasheet
448Kb / 2P
USB 3.0 4 Port Power Hub Super Speed Metal Case
Rev 01.200713
logo
Realtek Semiconductor C...
RTS5411 REALTEK-RTS5411 Datasheet
883Kb / 33P
USB 3.0 Super-Speed HUB Controller
Doc Rev. 1.2 30. Nov. 2015
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com