Electronic Components Datasheet Search
  English  ▼

X  

PCM63P Datasheet(PDF) 4 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # PCM63P
Description  Colinear??20-Bit Monolithic Audio DIGITAL-TO-ANALOG CONVERTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

PCM63P Datasheet(HTML) 4 Page - Burr-Brown (TI)

  PCM63P Datasheet HTML 1Page - Burr-Brown (TI) PCM63P Datasheet HTML 2Page - Burr-Brown (TI) PCM63P Datasheet HTML 3Page - Burr-Brown (TI) PCM63P Datasheet HTML 4Page - Burr-Brown (TI) PCM63P Datasheet HTML 5Page - Burr-Brown (TI) PCM63P Datasheet HTML 6Page - Burr-Brown (TI) PCM63P Datasheet HTML 7Page - Burr-Brown (TI) PCM63P Datasheet HTML 8Page - Burr-Brown (TI) PCM63P Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
®
PCM63P
–90dB SIGNAL
(10Hz to 20kHz Bandwidth)
200
100
0
–100
–200
0
400
800
1200
1600
2000
Time (µs)
–110dB SIGNAL
(10Hz to 20kHz Bandwidth)
40
20
0
–20
–40
0
400
800
1200
1600
2000
Time (µs)
–90dB SIGNAL SPECTRUM
(100Hz Bandwidth)
–80
–100
–120
–140
–160
0
4k
8k
12k
16k
20k
Frequency (Hz)
TYPICAL PERFORMANCE CURVES
All specifications at 25
°C and ±V
A and ±VD = ±5.0V, unless otherwise noted.
FPO
FPO
FPO
16-BIT LEVEL LINEARITY
(Dithered Fade to Noise)
8
6
4
2
0
–2
–4
–6
–8
–120
Output Signal Level (dB)
–110
–100
–90
–80
–70
–60
16-BIT MONOTONICITY
8.83ms/div
1.5
1
0.5
0
–0.5
–1
–1.5
THD+N vs FREQUENCY
–40
–60
–100
–120
–80
20
100
1k
10k
Output Frequency (Hz)
–60dB
–40dB
–20dB
0dB



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com