Electronic Components Datasheet Search
  English  ▼

X  

PCM63P Datasheet(PDF) 7 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # PCM63P
Description  Colinear??20-Bit Monolithic Audio DIGITAL-TO-ANALOG CONVERTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

PCM63P Datasheet(HTML) 7 Page - Burr-Brown (TI)

Back Button PCM63P Datasheet HTML 2Page - Burr-Brown (TI) PCM63P Datasheet HTML 3Page - Burr-Brown (TI) PCM63P Datasheet HTML 4Page - Burr-Brown (TI) PCM63P Datasheet HTML 5Page - Burr-Brown (TI) PCM63P Datasheet HTML 6Page - Burr-Brown (TI) PCM63P Datasheet HTML 7Page - Burr-Brown (TI) PCM63P Datasheet HTML 8Page - Burr-Brown (TI) PCM63P Datasheet HTML 9Page - Burr-Brown (TI) PCM63P Datasheet HTML 10Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
®
PCM63P
Offset, Gain, And Temperature Drift
Although the PCM63P is primarily meant for use in dy-
namic applications, specifications are also given for more
traditional DC parameters such as gain error, bipolar zero
offset error, and temperature gain and offset drift.
DIGITAL INPUT
Timing Considerations
The PCM63P accepts TTL compatible logic input levels.
Noise immunity is enhanced by the use of differential
current mode logic input architectures on all input signal
lines. The data format of the PCM63P is binary two’s
complement (BTC) with the most significant bit (MSB)
being first in the serial input bit stream. Table II describes
the exact relationship of input data to voltage output coding.
Any number of bits can precede the 20 bits to be loaded,
since only the last 20 will be transferred to the parallel DAC
register after LE (P20, Latch Enable) has gone low.
All DAC serial input data (P21, DATA) bit transfers are
triggered on positive clock (P18, CLK) edges. The serial-to-
parallel data transfer to the DAC occurs on the falling edge
of Latch Enable (P20, LE). The change in the output of the
DAC coincides with the falling edge of Latch Enable (P20,
LE). Refer to Figure 2 for graphical relationships of these
signals.
Maximum Clock Rate
A typical clock rate of 16.9MHz for the PCM63P is derived
by multiplying the standard audio sample rate of 44.1kHz by
sixteen times (16x oversampling) the standard audio word
bit length of 24 bits (44.1kHz x 16 x 24 = 16.9MHz). Note
that this clock rate accommodates a 24-bit word length, even
though only 20 bits are actually being used. The maximum
clock rate of 25MHz is guaranteed, but is not 100% final
tested. The setup and hold timing relationships are shown in
Figure 3.
“Stopped Clock” Operation
The PCM63P is normally operated with a continuous clock
input signal. If the clock is to be stopped between input data
words, the last 20 bits shifted in are not actually shifted from
the serial register to the latched parallel DAC register until
Latch Enable (LE, P20) goes low. Latch Enable must remain
low until after the first clock cycle of the next data word
to insure proper DAC operation. In any case, the setup and
hold times for Data and LE must be observed as shown in
Figure 3.
FIGURE 2. Timing Diagram.
NOTES: (1) If clock is stopped between input of 20-bit data words, Latch Enable (LE) must remain low until after the first clock cycle of the next 20-bit data
word stream. (2) Data format is binary two’s complement (BTC). Individual data bits are clocked in on the corresponding positive clock edge. (3) Latch Enable
(LE) must remain low at least one clock cycle after going negative. (4) Latch Enable (LE) must be high for at least one clock cycle before going negative.
(5) IOUT changes on negative going edge of Latch Enable (LE).
P18 (Clock)
P21 (Data)
P20 (Latch Enable)
P6 (I
)
1
2
3
121314151617181920
4
1
MSB
LSB
OUT
VOLTAGE OUTPUT
DIGITAL INPUT
ANALOG OUTPUT
CURRENT OUTPUT
(With External Op Amp)
1,048,576LSBs
Full Scale Range
4.00000000mA
6.00000000V
1LSB
NA
3.81469727nA
5.72204590
µV
7FFFFHEX
+Full Scale
–1.99999619mA
+2.99999428V
00000HEX
Bipolar Zero
0.00000000mA
0.00000000V
FFFFFHEX
Bipolar Zero – 1LSB
+0.00000381mA
–0.00000572V
80000HEX
–Full Scale
+2.00000000mA
–3.00000000V
TABLE II. Digital Input/Output Relationships.
FIGURE 3. Setup and Hold Timing Diagram.
Data
Input
Clock
Input
Latch
Enable
LSB
MSB
>One Clock Cycle
>20ns
>10ns
>15ns
>15ns
>1ns
>33ns
>10ns
>One Clock Cycle
>10ns



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com