Electronic Components Datasheet Search
  English  ▼

X  

PCM78P Datasheet(PDF) 6 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # PCM78P
Description  16-Bit Audio ANALOG-TO-DIGITAL CONVERTER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

PCM78P Datasheet(HTML) 6 Page - Burr-Brown (TI)

Back Button PCM78P Datasheet HTML 2Page - Burr-Brown (TI) PCM78P Datasheet HTML 3Page - Burr-Brown (TI) PCM78P Datasheet HTML 4Page - Burr-Brown (TI) PCM78P Datasheet HTML 5Page - Burr-Brown (TI) PCM78P Datasheet HTML 6Page - Burr-Brown (TI) PCM78P Datasheet HTML 7Page - Burr-Brown (TI) PCM78P Datasheet HTML 8Page - Burr-Brown (TI) PCM78P Datasheet HTML 9Page - Burr-Brown (TI) PCM78P Datasheet HTML 10Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
®
PCM78
6
DIFFERENTIAL NONLINEARITY ERROR
(to 14-Bit LSB)
2.00
1.00
0.50
–1.00
–8192
0.000
8192
BIN
1.50
0.00
–0.50
–4096
4096
DIFFERENTIAL NONLINEARITY
at 125°C
2.50
1.50
0.00
1
Major Carry Bit Number
2.00
1.00
23456789
10 11 12 13 14 15 16
0.50
INTEGRAL NONLINEARITY
at 125°C
3.00
0.00
–1.00
–7.00
1
2.00
–3.00
Major Carry Bit Number
1.00
–2.00
23456789
10 11 12 13 14 15 16
–4.00
–5.00
–6.00
DIFFERENTIAL NONLINEARITY
at 70°C
1.80
1.20
1.00
0.00
1
1.60
0.60
Major Carry Bit Number
1.40
0.80
23456789
10 11 12 13 14 15 16
0.40
0.20
INTEGRAL NONLINEARITY
at 70°C
7.00
4.00
3.00
0.00
1
6.00
1.00
Major Carry Bit Number
5.00
2.00
23456789
10 11 12 13 14 15 16
INTEGRAL NONLINEARITY ERROR
(to 14-Bit LSB)
1.50
0.50
–2.00
–8192
0.000
8192
BIN
1.00
0.00
–0.50
–4096
4096
–1.00
–1.50
TYPICAL PERFORMANCE CURVES (CONT)
At TA = +25°C, VCC = ±15V, unless otherwise noted. Histograms done with conversion time = 8µs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com