Electronic Components Datasheet Search
  English  ▼

X  

PCM78P Datasheet(PDF) 1 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # PCM78P
Description  16-Bit Audio ANALOG-TO-DIGITAL CONVERTER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

PCM78P Datasheet(HTML) 1 Page - Burr-Brown (TI)

  PCM78P Datasheet HTML 1Page - Burr-Brown (TI) PCM78P Datasheet HTML 2Page - Burr-Brown (TI) PCM78P Datasheet HTML 3Page - Burr-Brown (TI) PCM78P Datasheet HTML 4Page - Burr-Brown (TI) PCM78P Datasheet HTML 5Page - Burr-Brown (TI) PCM78P Datasheet HTML 6Page - Burr-Brown (TI) PCM78P Datasheet HTML 7Page - Burr-Brown (TI) PCM78P Datasheet HTML 8Page - Burr-Brown (TI) PCM78P Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
FEATURES
q LOW COST/HIGH PERFORMANCE 16-BIT
AUDIO A/D CONVERTER
q FAST 5
µs MAX CONVERSION TIME
(4
µs typ)
q VERY LOW THD+N ( typ –88dB at FS;
max –82dB)
q
±3V INPUT RANGE
q TWO SERIAL OUTPUT MODES PROVIDE
VERSATILE INTERFACING
q COMPLETE WITH INTERNAL REFERENCE
AND CLOCK IN 28-PIN PLASTIC DIP
q
±5V TO ±15V SUPPLY RANGE (600mW
Power Dissipation)
16-bit SAR +
Timing Control
Comp
+
–
Audio Input
Internal
Clock
Circuit
16-bit D/A
Converter
Convert
Command
External Clock
Status
Serial Output 1
Serial Output 2
Clock Output
International Airport Industrial Park
•
Mailing Address: PO Box 11400
•
Tucson, AZ 85734
•
Street Address: 6730 S. Tucson Blvd.
•
Tucson, AZ 85706
Tel: (520) 746-1111
•
Twx: 910-952-1111
•
Cable: BBRCORP
•
Telex: 066-6491
•
FAX: (520) 889-1510
•
Immediate Product Info: (800) 548-6132
®
PCM78P
16-Bit Audio
ANALOG-TO-DIGITAL CONVERTER
APPLICATIONS
q DSP DATA ACQUISITION
q TEST INSTRUMENTATION
q SAMPLING KEYBOARD SYNTHESIZERS
q DIGITAL AUDIO TAPE
q BROADCAST AUDIO PROCESSING
q TELECOMMUNICATIONS
DESCRIPTION
The PCM78P is a low-cost 16-bit analog-to-digital
converter which is specifically designed and tested for
dynamic applications. It features very fast, low
distortion performance (4
µs/–88dB THD+N typical)
and is complete with internal clock and reference
circuitry. The PCM78P is packaged in a reliable, low-
cost 28-pin plastic DIP and data output is available in
user-selectable serial output formats. The PCM78P is
ideal for digital audio tape (DAT) recorders. Many
similar applications such as digital signal processing
and telecom applications are equally well served by
the PCM78P.
The PCM78P uses a SAR technique. Analog and
digital portions are efficiently partitioned into a high-
speed, bipolar section and a low-power CMOS
section. The PCM78P has been optimized for excel-
lent dynamic performance and low cost.
©1989 Burr-Brown Corporation
PDS-989A
Printed in U.S.A. October, 1993


Similar Part No. - PCM78P

ManufacturerPart #DatasheetDescription
logo
C&K Components
PCM CK-COMPONENTS-PCM Datasheet
291Kb / 2P
Ultraminiature Surface Mount Slide Switches
PCM CK-COMPONENTS-PCM Datasheet
322Kb / 3P
Ultraminiature Surface Mount Slide Switches
16 Mar 22
logo
Nichicon corporation
PCM NICHICON-PCM Datasheet
1Mb / 2P
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
logo
PANDUIT CORP.
PCM PANDUIT-PCM Datasheet
114Kb / 2P
Vinyl Coated Cloth Tape – GMC
16JUL12
logo
Electrolube
PCM ELECTROLUBE-PCM Datasheet
193Kb / 2P
Peelable Coating Mask
Oct 2016
More results

Similar Description - PCM78P

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADC76 BURR-BROWN-ADC76 Datasheet
113Kb / 8P
16-Bit ANALOG-TO-DIGITAL CONVERTER
PCM1801 BURR-BROWN-PCM1801 Datasheet
101Kb / 13P
16-Bit, Stereo, Audio ANALOG-TO-DIGITAL CONVERTER
PCM66P BURR-BROWN-PCM66P Datasheet
92Kb / 7P
16-Bit CMOS Monolithic Audio DIGITAL-TO-ANALOG CONVERTER
logo
Micro Analog systems
MAS6501 MAS-MAS6501 Datasheet
205Kb / 16P
16-Bit Analog-to-Digital Converter
logo
Princeton Technology Co...
PT8211 PTC-PT8211_10 Datasheet
290Kb / 13P
16 Bit Digital to Analog Converter
logo
DATEL, Inc.
5962-8953101HXA DATEL-5962-8953101HXA Datasheet
149Kb / 1P
16-Bit Digital To Analog Converter
5962-8953101HXC DATEL-5962-8953101HXC Datasheet
149Kb / 1P
16-Bit Digital To Analog Converter
5962-8953102HXA DATEL-5962-8953102HXA Datasheet
149Kb / 1P
16-Bit Digital To Analog Converter
5962-8953102HXC DATEL-5962-8953102HXC Datasheet
149Kb / 1P
16-Bit Digital To Analog Converter
logo
SHENZHEN FUMAN ELECTRON...
SC8211 FUMAN-SC8211 Datasheet
592Kb / 9P
16 Bit Digital to Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com