Electronic Components Datasheet Search
  English  ▼

X  

HCS12NK65V Datasheet(PDF) 6 Page - SemiHow Co.,Ltd.

Part # HCS12NK65V
Description  650V N-Channel Super Junction MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIHOW [SemiHow Co.,Ltd.]
Direct Link  http://www.semihow.com
Logo SEMIHOW - SemiHow Co.,Ltd.

HCS12NK65V Datasheet(HTML) 6 Page - SemiHow Co.,Ltd.

  HCS12NK65V Datasheet HTML 1Page - SemiHow Co.,Ltd. HCS12NK65V Datasheet HTML 2Page - SemiHow Co.,Ltd. HCS12NK65V Datasheet HTML 3Page - SemiHow Co.,Ltd. HCS12NK65V Datasheet HTML 4Page - SemiHow Co.,Ltd. HCS12NK65V Datasheet HTML 5Page - SemiHow Co.,Ltd. HCS12NK65V Datasheet HTML 6Page - SemiHow Co.,Ltd. HCS12NK65V Datasheet HTML 7Page - SemiHow Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Fig 15. Peak Diode Recovery dv/dt Test Circuit & Waveforms
DUT
V
DS
+
_
Driver
R
G
Same Type
as DUT
V
GS
• dv/dt controlled by R
G
•I
S controlled by pulse period
V
DD
L
I
S
10V
V
GS
( Driver )
I
S
( DUT )
V
DS
( DUT )
V
DD
Body Diode
Forward Voltage Drop
V
f
I
FM , Body Diode Forward Current
Body Diode Reverse Current
I
RM
Body Diode Recovery dv/dt
di/dt
D =
Gate Pulse Width
Gate Pulse Period
--------------------------



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com