Electronic Components Datasheet Search
  English  ▼

X  

HCS12NK65V Datasheet(PDF) 1 Page - SemiHow Co.,Ltd.

Part # HCS12NK65V
Description  650V N-Channel Super Junction MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIHOW [SemiHow Co.,Ltd.]
Direct Link  http://www.semihow.com
Logo SEMIHOW - SemiHow Co.,Ltd.

HCS12NK65V Datasheet(HTML) 1 Page - SemiHow Co.,Ltd.

  HCS12NK65V Datasheet HTML 1Page - SemiHow Co.,Ltd. HCS12NK65V Datasheet HTML 2Page - SemiHow Co.,Ltd. HCS12NK65V Datasheet HTML 3Page - SemiHow Co.,Ltd. HCS12NK65V Datasheet HTML 4Page - SemiHow Co.,Ltd. HCS12NK65V Datasheet HTML 5Page - SemiHow Co.,Ltd. HCS12NK65V Datasheet HTML 6Page - SemiHow Co.,Ltd. HCS12NK65V Datasheet HTML 7Page - SemiHow Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
BV
DSS = 650 V
R
DS(on) typ = 0.34
I
D =12 A
Originative New Design
Superior Avalanche Rugged Technology
Robust Gate Oxide Technology
Very Low Intrinsic Capacitances
Excellent Switching Characteristics
Unrivalled Gate Charge : 32 nC (Typ.)
Extended Safe Operating Area
Lower R
DS(ON) :
(Typ.) @V
GS=10V
100% Avalanche Tested
RoHS Compliant
FEATURES
Absolute Maximum Ratings
T
C=25
unless otherwise specified
HCS12NK65V
650V N-Channel Super Junction MOSFET
Symbol
Parameter
Value
Units
V
DSS
Drain-Source Voltage
650
V
I
D
Drain Current
– Continuous (T
C = 25
)
12*
A
Drain Current
– Continuous (T
C = 100
)
7.4*
A
I
DM
Drain Current
– Pulsed
(Note 1)
48*
A
V
GS
Gate-Source Voltage
20
V
E
AS
Single Pulsed Avalanche Energy
(Note 2)
200
mJ
I
AR
Avalanche Current
(Note 1)
4A
E
AR
Repetitive Avalanche Energy
(Note 1)
1mJ
dv/dt
Peak Diode Recovery dv/dt
(Note 3)
4.5
V/ns
P
D
Power Dissipation (T
C = 25
)
- Derate above 25
33
W
0.26
W/
T
J, TSTG
Operating and Storage Temperature Range
-55 to +150
T
L
Maximum lead temperature for soldering purposes,
1/8” from case for 5 seconds
300
Thermal Resistance Characteristics
Symbol
Parameter
Typ.
Max.
Units
R
JC
Junction-to-Case
--
3.8
/W
R
JA
Junction-to-Ambient
--
80
Jan 2014
1.Gate 2. Drain 3. Source
2
1
3
TO-220F
* Drain current limited by maximum junction temperature


Similar Part No. - HCS12NK65V

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
HCS12 MOTOROLA-HCS12 Datasheet
224Kb / 2P
HCS12 Document Methodology
logo
Freescale Semiconductor...
HCS12 FREESCALE-HCS12 Datasheet
1Mb / 452P
HCS12 Microcontrollers
logo
Motorola, Inc
HCS12 MOTOROLA-HCS12 Datasheet
311Kb / 34P
HCS12 Microcontrollers
logo
NXP Semiconductors
HCS12 NXP-HCS12 Datasheet
7Mb / 126P
HCS12 Microcontrollers
V01.09 9 SEP 2004
HCS12 NXP-HCS12 Datasheet
7Mb / 548P
The HCS12 V1.5 Core is a 16-bit processing core using the 68HC12 instruction set architecture (ISA).
Version 1.2
More results

Similar Description - HCS12NK65V

ManufacturerPart #DatasheetDescription
logo
SemiHow Co.,Ltd.
HCP12NK65V SEMIHOW-HCP12NK65V Datasheet
398Kb / 8P
650V N-Channel Super Junction MOSFET
HCU65R600S SEMIHOW-HCU65R600S Datasheet
265Kb / 8P
650V N-Channel Super Junction MOSFET
HCU65R660S SEMIHOW-HCU65R660S Datasheet
285Kb / 8P
650V N-Channel Super Junction MOSFET
logo
Will Semiconductor Ltd.
WCR1K2N65 WILLSEMI-WCR1K2N65 Datasheet
1Mb / 9P
650V N-Channel Super Junction MOSFET
WCR250N65 WILLSEMI-WCR250N65 Datasheet
1Mb / 8P
650V N-Channel Super Junction MOSFET
WCR670N65 WILLSEMI-WCR670N65 Datasheet
1Mb / 9P
650V N-Channel Super Junction MOSFET
logo
Pan Jit International I...
PJMB390N65EC PANJIT-PJMB390N65EC Datasheet
772Kb / 7P
650V N-Channel Super Junction MOSFET
March 25,2022 PJMB390N65EC-REV.00
PJMF130N65EC PANJIT-PJMF130N65EC Datasheet
567Kb / 7P
650V N-Channel Super Junction MOSFET
October 15,2021 PJMF130N65EC-REV.00
PJMF380N65E1 PANJIT-PJMF380N65E1 Datasheet
515Kb / 7P
650V N-Channel Super Junction MOSFET
September 2,2021 PJMF380N65E1-REV.01
PJMF390N65EC PANJIT-PJMF390N65EC Datasheet
564Kb / 7P
650V N-Channel Super Junction MOSFET
October 14,2021 PJMF390N65EC-REV.00
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com