Electronic Components Datasheet Search
  English  ▼

X  

SFH7776 Datasheet(PDF) 8 Page - OSRAM GmbH

Part # SFH7776
Description  Ambient Light and Proximity Sensor with Integrated 850nm IR Emitter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH7776 Datasheet(HTML) 8 Page - OSRAM GmbH

Back Button SFH7776_13 Datasheet HTML 4Page - OSRAM GmbH SFH7776_13 Datasheet HTML 5Page - OSRAM GmbH SFH7776_13 Datasheet HTML 6Page - OSRAM GmbH SFH7776_13 Datasheet HTML 7Page - OSRAM GmbH SFH7776_13 Datasheet HTML 8Page - OSRAM GmbH SFH7776_13 Datasheet HTML 9Page - OSRAM GmbH SFH7776_13 Datasheet HTML 10Page - OSRAM GmbH SFH7776_13 Datasheet HTML 11Page - OSRAM GmbH SFH7776_13 Datasheet HTML 12Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
2013-07-09
8
DRAFT - For reference only.
Subject to change without notice.
Version 0.1
SFH 7776
Characteristics
(TA = 25 °C)
Parameter
Symbol
Value
Unit
min.
typ.
max.
General
Conditions for OFF mode
V
DD,off
0.5
V
Current consumption in OFF mode
(VDD < 0.5V)
I
DD,off
0
A
STAND-BY mode current consumption
(Mode_control(41h) = 0x00; VDD = 2.5V)
I
DD,stby
0.8
1.5
A
Proximity Sensor (PS)
LED centroid wavelength (ILED = 100mA)
centroid
850
nm
LED Spectral bandwidth (ILED = 100mA)
D
30
nm
Temperature coefficient of optical power of LED TC
-0.5
%/K
ILED ON time for one measurement
t LED ON
80
200
300
µs
LED current, programmable
V
LED> 2.3V for ILED < 100mA
V
LED> 3.0V for ILED > 100mA
I
LED
25
200
mA
Accuracy of LED current source
(ALS_PS_CONTROL: LED Current = 00b)
I
LED
22.5
25
27.5
mA
Mean current consumption in PS mode
(current consumption of the pulsed LED is not
included; MODE_CONTROL(0x41h) = 0x03h;
all other registers are default; VDD = 2.5V)
I
DD
60
150
µA
Mean current consumption in PS mode during
the 200µs LED pulse (t LED ON)
(current consumption of the pulsed LED is not
included)
I
DD
6.5
8.5
mA
Typical detection distance 1)
KODAK grey card 100x130mm², R=90%
(ILED=200mA, VDD=2.5V, Ev = 0lx;
high threshold = 11 counts)
hon
10
cm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com