Electronic Components Datasheet Search
  English  ▼

X  

SFH7776 Datasheet(PDF) 26 Page - OSRAM GmbH

Part # SFH7776
Description  Ambient Light and Proximity Sensor with Integrated 850nm IR Emitter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH7776 Datasheet(HTML) 26 Page - OSRAM GmbH

Back Button SFH7776_13 Datasheet HTML 22Page - OSRAM GmbH SFH7776_13 Datasheet HTML 23Page - OSRAM GmbH SFH7776_13 Datasheet HTML 24Page - OSRAM GmbH SFH7776_13 Datasheet HTML 25Page - OSRAM GmbH SFH7776_13 Datasheet HTML 26Page - OSRAM GmbH SFH7776_13 Datasheet HTML 27Page - OSRAM GmbH SFH7776_13 Datasheet HTML 28Page - OSRAM GmbH SFH7776_13 Datasheet HTML 29Page - OSRAM GmbH SFH7776_13 Datasheet HTML 30Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 34 page
background image
2013-07-09
26
DRAFT - For reference only.
Subject to change without notice.
Version 0.1
SFH 7776
PS_TH_MSBs register (0x4Ch)
MSB for the PS threshold „HIGH“.
PS_TL_LSBs register (0x4Dh)
LSB for the PS threshold „LOW“.
PS_TL_MSBs register (0x4Eh)
MSB for the PS threshold „LOW“.
ALS_VIS_TH_LSBs register (0x4Fh)
LSB for the ALS VIS threshold „HIGH“.
ALS_VIS_TH_MSBs register (0x50h)
MSB for the ALS VIS threshold „HIGH“.
R/W-Register 0x4C
Bit
7
6
5
4
3
2
1
0
2
11
2
10
2
9
2
8
default
000
011
11
R/W-Register 0x4D
Bit
7
6
5
4
3
2
1
0
2
7
2
6
2
5
2
4
2
3
2
2
2
1
2
0
default
000
000
00
R/W-Register 0x4E
Bit
7
6
5
4
3
2
1
0
2
11
2
10
2
9
2
8
default
000
000
00
R/W-Register 0x4F
Bit
7
6
5
4
3
2
1
0
2
7
2
6
2
5
2
4
2
3
2
2
2
1
2
0
default
111
111
11
R/W-Register 0x50
Bit
7
6
5
4
3
2
1
0
2
15
2
14
2
13
2
12
2
11
2
10
2
9
2
8
default
111
111
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com