Electronic Components Datasheet Search
  English  ▼

X  

PACRG Datasheet(PDF) 1 Page - California Micro Devices Corp

Part # PACRG
Description  P/ACTIVE HIGH PERFORMANCE GTL/ECL LOCAL TERMINATION NETWORK
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

PACRG Datasheet(HTML) 1 Page - California Micro Devices Corp

  PACRG Datasheet HTML 1Page - California Micro Devices Corp PACRG Datasheet HTML 2Page - California Micro Devices Corp PACRG Datasheet HTML 3Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
© 2000 California Micro Devices Corp. All rights reserved.
8/10/2000
1
CALIFORNIA MICRO DEVICES
215 Topaz Street, Milpitas, California 95035
Tel: (408) 263-3214
Fax: (408) 263-7846
www.calmicro.com
PACRG
P/Active
 High Performance GTL/ECL Local Termination Network
Features
• Designed especially for Pentium Pro and RISC-
based computers/servers
• Provides high speed bus termination
• Reduces ground bounce with center ground
pin placement
• Terminates 22 lines in a QSOP package
• Saves board space and reduces assembly cost
Product Description
CAMD’s P/Active RG GTL+ Local Bus Terminator is ideal
for Pentium Pro and related high speed bus termination
applications where a resistor approach is deemed suitable.
This device also meets the high-speed bus termination
demands of microprocessors like Motorola’s PowerPC,
DEC’s Alpha, Sun’s SPARC, and SGI’s MIPs processor, as
well as other high performance RISC processors for
embedded control applications.
The PACRG offers 22 terminations per package and meets
all related Intel specifications for Pentium Pro termination
requirements. Four popular values are available for a
variety of bus termination applications and line impedance
requirements: 47, 50, 56 and 68 ohms.
Applications
• Pentium Pro servers
• Pentium Pro desk top systems
• GTL, ECL terminator for embedded
processor busses
PIN DIAGRAM
+'"
Refer to AP-201 Termination Application Note and AP-203 GTL+
Termination Application Note for further information.
The P/Active RG Termination Networks provide high
performance, high reliability, and low cost through manu-
facturing efficiency. The termination resistor elements are
fabricated using proprietary state-of-the-art thin film
technology. CAMD’s highly integrated solution is silicon-
based and has the same enhanced reliability characteris-
tics as today’s microprocessor products. The thin film
resistors have very high stability over a wide temperature
range, over applied voltage, and over life. In addition, the
QSOP industry standard packaging is manufacturing-
friendly and yields the high reliability of other semiconduc-
tor components. The P/Active RG Pentium Pro Termination
Network provides a complete 300 point termination
solution in only 14 QSOP packages.
N
O
I
T
A
M
R
O
F
N
I
G
N
I
R
E
D
R
O
T
R
A
P
D
R
A
D
N
A
T
S
e
g
a
k
c
a
Pr
e
b
m
u
N
t
r
a
P
g
n
i
r
e
d
r
O
e
d
o
C
Rs
n
i
Pe
l
y
t
Ss
e
b
u
Tl
e
e
R
&
e
p
a
Tg
n
i
k
r
a
M
t
r
a
P
)
%
1
(
0
7
44
2P
O
S
QT
/
Q
G
R
0
7
4
C
A
PR
/
Q
G
R
0
7
4
C
A
PQ
G
R
0
7
4
C
A
P
)
%
1
(
0
0
54
2P
O
S
QT
/
Q
G
R
0
0
5
C
A
PR
/
Q
G
R
0
0
5
C
A
PQ
G
R
0
0
5
C
A
P
)
%
1
(
0
6
54
2P
O
S
QT
/
Q
G
R
0
6
5
C
A
PR
/
Q
G
R
0
6
5
C
A
PQ
G
R
0
6
5
C
A
P
)
%
1
(
0
8
64
2P
O
S
QT
/
Q
G
R
0
8
6
C
A
PR
/
Q
G
R
0
8
6
C
A
PQ
G
R
0
8
6
C
A
P
S
N
O
I
T
A
C
I
F
I
C
E
P
S
D
R
A
D
N
A
T
S
)
R
(
e
c
n
a
r
e
l
o
T
e
t
u
l
o
s
b
A%
5
±
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
g
n
i
t
a
r
e
p
OC
°
0
7
o
t
C
°
0
r
o
t
s
i
s
e
R
/
g
n
i
t
a
R
r
e
w
o
PW
m
0
0
1
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
SC
°
0
5
1
o
t
C
°
5
6
–
g
n
i
t
a
R
r
e
w
o
P
e
g
a
k
c
a
Px
a
M
,
w
0
0
.
1
S
E
U
L
A
V
D
R
A
D
N
A
T
S
(
R
Ω
Ω
Ω
Ω
Ω)e
d
o
C
7
40
7
4
0
50
0
5
6
50
6
5
8
60
8
6
24
RT
RT
1
23
2
22
3
21
4
20
5
19
6
18
7
17
8
16
9
15
10
14
11
13
12


Similar Part No. - PACRG

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
PACR4G CALMIRCO-PACR4G Datasheet
87Kb / 3P
HIGH PERFORMANCE BUS TERMINATION NETWORK
PACR6G CALMIRCO-PACR6G Datasheet
99Kb / 3P
EMI/RFIT-FILTER
PACRAMBUS-1 CALMIRCO-PACRAMBUS-1 Datasheet
117Kb / 3P
HIGH PERFORMANCE RAMBUS TERMINATION NETWORK FOR RIMM CONNECTOR
PACRAMBUS-1/R CALMIRCO-PACRAMBUS-1/R Datasheet
117Kb / 3P
HIGH PERFORMANCE RAMBUS TERMINATION NETWORK FOR RIMM CONNECTOR
PACRAMBUS-1/T CALMIRCO-PACRAMBUS-1/T Datasheet
117Kb / 3P
HIGH PERFORMANCE RAMBUS TERMINATION NETWORK FOR RIMM CONNECTOR
More results

Similar Description - PACRG

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
PAC002SPFQ CALMIRCO-PAC002SPFQ Datasheet
37Kb / 1P
P/Active 1% Tolerance Seriers/Parallel Termination Network
PAC1284 CALMIRCO-PAC1284 Datasheet
116Kb / 2P
P/ACTIVE IEEE 1284 ECP/EPP TERMINATION NETWORK
PAC560GTL CALMIRCO-PAC560GTL Datasheet
254Kb / 3P
HIGH PERFORMANCE GTL TERMINATION NETWORK FOR SOCKET 370 PROCESSORS
PACAC CALMIRCO-PACAC Datasheet
125Kb / 2P
P/ACTIVE AC TERMINATION NETWORK
PACDT CALMIRCO-PACDT Datasheet
50Kb / 2P
P/Active 1% Tolerance Dual Thevenin Termination Network
PACR4G CALMIRCO-PACR4G Datasheet
87Kb / 3P
HIGH PERFORMANCE BUS TERMINATION NETWORK
PACS1284-06 CALMIRCO-PACS1284-06 Datasheet
93Kb / 5P
P/ACTIVE IEEE 1284 ECP/EPP TERMINATION NETWORK
PACSZ1284 CALMIRCO-PACSZ1284 Datasheet
112Kb / 7P
P/ACTIVE IEEE 1284 ECP/EPP TERMINATION NETWORK
PACV35 CALMIRCO-PACV35 Datasheet
88Kb / 1P
P/ACTIVE V.35 TERMINATION NETWORK
PACGTL CALMIRCO-PACGTL Datasheet
515Kb / 3P
HIGH PERFORMANCE GTL TERMINATION NETWORK FOR SOCKET 370 PROCESSORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com