Electronic Components Datasheet Search
  English  ▼

X  

PACRG Datasheet(PDF) 3 Page - California Micro Devices Corp

Part # PACRG
Description  P/ACTIVE HIGH PERFORMANCE GTL/ECL LOCAL TERMINATION NETWORK
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

PACRG Datasheet(HTML) 3 Page - California Micro Devices Corp

  PACRG Datasheet HTML 1Page - California Micro Devices Corp PACRG Datasheet HTML 2Page - California Micro Devices Corp PACRG Datasheet HTML 3Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
© 2000 California Micro Devices Corp. All rights reserved.
8/10/2000
3
CALIFORNIA MICRO DEVICES
215 Topaz Street, Milpitas, California 95035
Tel: (408) 263-3214
Fax: (408) 263-7846
www.calmicro.com
PACRG
Test Circuit
VCC_1.5
R
1
R
2
R
3
R
4
R
5
G
6
R
7
R
8
R
9
R
10
R
11
R
12
R
13
R
14
R
15
R
16
R
17
R
18
G
19
R
20
R
21
R
22
R
23
R
24
U3
PRN331A
C22
1000pF
C23
0.1uF
TP5
PB5
VICTIM
VTT
GTL2
GTL2
GTL3
GTL3
GTL4
GTL4
GTL5
GTL7
GTL8
GTL8
GTL9
GTL9
GTL11
GTL11
GTL10
GTL10
GTL1
GND
R2
56
C18
1000pF
C19
0.1uF
C20
1000pF
C21
0.1uF
VTT
VCC_1.5
GND
R1
56
C15
1000pF
C16
0.1uF
C17
0.1uF
GTL1
GTL2
GTL3
GTL4
GTL5
GTL6
GTL8
GTL7
VCC_5
VCC_1.5
GND
GND
GND
/OEAB
1
LEAB
2
A1
3
A2
5
A3
6
VCC_3
7
A4
8
A5
9
A6
10
A7
12
A8
13
A9
14
A10
15
A11
16
A12
17
A13
19
A14
20
A15
21
VCC_3
22
A16
23
A17
24
CLKIN
26
/OEBA
27
LEBA
28
/CEBA
29
CLKBA
30
CLKOUT
31
B17
33
B16
34
VREF
35
B15
36
B14
37
B13
38
B12
40
B11
41
B10
42
B9
43
B8
44
B7
45
B6
47
B5
48
B4
49
B3
51
B2
52
B1
54
CLKAB
55
/CEAB
56
U1
74GTL16616
C8
0.1uF
C9
0.1uF
VCC_3
GND
GND
GND
GATE1
GATE2
GATE3
GND
GND
GND
1A1
2
1A2
4
1A3
6
1A4
8
2A1
11
2A2
13
2A3
15
2A4
17
1G
1
2G
19
1Y1
18
1Y2
16
1Y3
14
1Y4
12
2Y1
9
2Y2
7
2Y3
5
2Y4
3
U2
74FCT244
GATE1
GATE2
GATE3
GATE4
BUFFER1
VCC_5
W1
SMA
RIN1
100
RIN2
100
TP1
PB1
TP1
BUFFER1
GND
GND
GND
PULSE_GEN
GND
GND
TP4
PB4
TP4
GND
C10
0.1uF
C11
0.1uF
VCC_3
GND
GND
GATE4
GND
VCC_5
GND
GND
VCC_3
C12
0.1uF
C13
1000pF
C14
0.1uF
VREF
GTL9
GTL11
GTL10
GTL_TEST
VICTIM
GND
VCC_5
GND
GND
R3
1K
R4
2K
C24
1000pF
C25
0.1uF
VREF
VCC_1.5
GND
TP3
PB3
TP3
GTL5
GTL6
GTL6
GTL7
GND
GND
GND
GND
1
2
3
4
5
6
7
8
JP1
POWER
VCC_5
VCC_3
VCC_1.5
GND
GND
GND
GND
GND
GND
VCC_1.5
VCC_3
VCC_5



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com