Electronic Components Datasheet Search
  English  ▼

X  

WLP200 Datasheet(PDF) 4 Page - California Micro Devices Corp

Part # WLP200
Description  WAFER LEVEL PACKAGE EVALUATION RC FILTER NETWORK
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

WLP200 Datasheet(HTML) 4 Page - California Micro Devices Corp

  WLP200 Datasheet HTML 1Page - California Micro Devices Corp WLP200 Datasheet HTML 2Page - California Micro Devices Corp WLP200 Datasheet HTML 3Page - California Micro Devices Corp WLP200 Datasheet HTML 4Page - California Micro Devices Corp WLP200 Datasheet HTML 5Page - California Micro Devices Corp WLP200 Datasheet HTML 6Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
©2000 California Micro Devices Corp. All rights reserved.
11/10/2000
215 Topaz Street, Milpitas, California 95035
Tel: (408) 263-3214
Fax: (408) 263-7846
www.calmicro.com
4
WLP200
CALIFORNIA MICRO DEVICES
WLP200-01 Filter #4 D3-A3
WLP200-01 Filter #3 D2-A2
S21
log MAG
5 dB/ REF 0 dB
START
.300 000 MHz
STOP 3 000.000 000 MHz
1
3
2
4
1: –5.5407 dB
1.000 000 MHz
2: –8.542 dB
32.75 MHz
3: –13.941 dB
80 MHz
4: –32.441 dB
800 MHz
S21
log MAG
5 dB/ REF 0 dB
START
.300 000 MHz
STOP 3 000.000 000 MHz
1
3
2
4
1: –8.8303 dB
1.000 000 MHz
2: –11.831 dB
18.5 MHz
3: –21.81 dB
80 MHz
4: –45.253 dB
800 MHz
WLP200-01 FILTER CHARACTERISTICS (S21) MEASUREMENT
NOTE: All the measurements are done with 50
Ω-source & 50Ω-load impedance using a HP8753C Network Analyzer
with a HP85047A S-parameter Test Set.
WLP200-01 Filter #1 C1-B1
S21
log MAG
5 dB/ REF 0 dB
START
.300 000 MHz
STOP 3 000.000 000 MHz
1
2
3
4
1: –3.5204 dB
1.000 000 MHz
2: –6.5215 dB
36.03 MHz
3: –11.188 dB
80 MHz
4: –29.436 dB
800 MHz
WLP200-01 Filter #2 D1-A1
S21
log MAG
5 dB/ REF 0 dB
START
.300 000 MHz
STOP 3 000.000 000 MHz
1
3
2
4
1: –5.9489 dB
1.000 000 MHz
2: –8.9432 dB
25.461 MHz
3: –16.269 dB
80 MHz
4: –38.011 dB
800 MHz



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com