Electronic Components Datasheet Search
  English  ▼

X  

CL431 Datasheet(PDF) 1 Page - Calogic, LLC

Part # CL431
Description  Precision Adjustable Shunt Reference
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC

CL431 Datasheet(HTML) 1 Page - Calogic, LLC

  CL431 Datasheet HTML 1Page - Calogic, LLC CL431 Datasheet HTML 2Page - Calogic, LLC CL431 Datasheet HTML 3Page - Calogic, LLC CL431 Datasheet HTML 4Page - Calogic, LLC CL431 Datasheet HTML 5Page - Calogic, LLC CL431 Datasheet HTML 6Page - Calogic, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Precision Adjustable
Shunt Reference
CL431
FEATURES
•• Trimmed 0.5% Bandgap Reference
•• Nominal Temperature Range Extended to 105oC
•• Temperature-Compensated: 30ppm/oC
•• Internal Amplifier with 150mA Capability
•• Low Output Noise
•• Low Frequency Dynamic Output Impedance
DESCRIPTION
The CL431 is an adjustable shunt regulator designed to act as
an open-loop error amplifier with a 2.5V temperature
compensated reference. Its highly accurate 0.5% bandgap
reference is perfect for applications requiring stability and
accuracy over temperature and life.
Sharp
turn-on
characteristics
and
a
low
temperature
coefficient make the CL431 an excellent replacement for
many zener diode applications, programmable to any value
greater than 2.5V and up to 36V by using two external
resistors. As a combination error amplifier and reference, it
can be used to manage control loops such as switching power
supplies.
The CL431 can be used as a direct replacement for the
standard TL431.
ORDERING INFORMATION
Part
Package
Temperature Range
CL431LP
TO-92
0 to 105
oC
CL431D
8-Pin Plastic SOIC
0 to 105
oC
CL431S
SOT-89
0 to 105
oC
CORPORATION
CALOGIC CORPORATION, 237 Whitney Place, Fremont, California 94539, Telephone: 510-656-2900, FAX: 510-651-3025
CATHODE
ANODE
REFERENCE
TO-92 (LP)
1G-33
SOIC (D)
8
7
6
5
1
2
3
4
REFERENCE
ANODE
ANODE
N/C
CATHODE
ANODE
ANODE
N/C
1G-34
1G-35
CATHODE
ANODE
REFERENCE
SOT-89 (S)
PIN CONFIGURATION (Top View)


Similar Part No. - CL431

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
CL432 CALOGIC-CL432 Datasheet
63Kb / 7P
1.25VPrecision Adjustable Shunt Reference / Amplifier
CL432A CALOGIC-CL432A Datasheet
43Kb / 3P
1.25VPrecision Adjustable Shunt Reference / Amplifier
CL432AD CALOGIC-CL432AD Datasheet
43Kb / 3P
1.25VPrecision Adjustable Shunt Reference / Amplifier
CL432ALP CALOGIC-CL432ALP Datasheet
43Kb / 3P
1.25VPrecision Adjustable Shunt Reference / Amplifier
CL432AS CALOGIC-CL432AS Datasheet
43Kb / 3P
1.25VPrecision Adjustable Shunt Reference / Amplifier
More results

Similar Description - CL431

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
CL1431 CALOGIC-CL1431 Datasheet
78Kb / 6P
Precision Adjustable Shunt Reference
CL2431 CALOGIC-CL2431 Datasheet
64Kb / 6P
Precision Adjustable Shunt Reference
logo
List of Unclassifed Man...
AS1431 ETC-AS1431 Datasheet
81Kb / 8P
Precision Adjustable Shunt Reference
AS2431 ETC1-AS2431 Datasheet
40Kb / 7P
Precision Adjustable Shunt Reference
AS432 ETC1-AS432 Datasheet
37Kb / 7P
1.24V Precision Adjustable Shunt Reference
logo
ADDtek Corp
AMC431 ADDTEK-AMC431 Datasheet
121Kb / 10P
PRECISION ADJUSTABLE SHUNT VOLTAGE REFERENCE
JUNE 2006
logo
ACE Technology Co., LTD...
ACE432 ACE-ACE432 Datasheet
248Kb / 12P
Precision adjustable shunt voltage reference
VER 1.2
ACE432A ACE-ACE432A Datasheet
214Kb / 10P
Precision adjustable shunt voltage reference
VER 1.2
ACE432 ACE-ACE432_12 Datasheet
614Kb / 10P
Precision adjustable shunt voltage reference
VER 1.3
ACE432N ACE-ACE432N Datasheet
1Mb / 11P
Precision adjustable shunt voltage reference
VER 1.4
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com