Electronic Components Datasheet Search
  English  ▼

X  

CL431 Datasheet(PDF) 3 Page - Calogic, LLC

Part # CL431
Description  Precision Adjustable Shunt Reference
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC

CL431 Datasheet(HTML) 3 Page - Calogic, LLC

  CL431 Datasheet HTML 1Page - Calogic, LLC CL431 Datasheet HTML 2Page - Calogic, LLC CL431 Datasheet HTML 3Page - Calogic, LLC CL431 Datasheet HTML 4Page - Calogic, LLC CL431 Datasheet HTML 5Page - Calogic, LLC CL431 Datasheet HTML 6Page - Calogic, LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
CL431
CALOGIC CORPORATION, 237 Whitney Place, Fremont, California 94539, Telephone: 510-656-2900, FAX: 510-651-3025
ELECTRICAL CHARACTERISTICS
Electrical Characteristics are guaranteed over full junction temperature range (0 to 105
oC). Ambient temperature must be derated based on
power dissipation and package thermal characteristics. The conditions are: VKA = VREF and IK = 10mA unless otherwise stated.
SYMBOL
PARAMETER
CL431 (0.5%)
UNIT
TEST
CIRCUIT
TEST CONDITION
MIN
TYP
MAX
VREF
Reference Voltage
2.490
2.503
2.515
V
1
TA = 25
oC
2.469
2.536
V
1
Over Temp.
TC
∆VREF with Temp.*
0.07
0.20
mV/
oC1
∆VREF
∆VK
Ratio of Change in VREF to
Cathode Voltage
–2.7
–1.0
mV/V
2
VREF to 10V
–2
–0.4
0.3
10V to 36V
IREF
Reference Input Current
0.7
4
µA2
∆IREF
IREF Temp Deviation
0.4
1.2
µA
2
Over Temp.
IK(MIN)
Min IK for Regulation
0.4
1
mA
1
IK(OFF)
Off State Leakage
0.04
250
nA
3
VREF = 0V, VKA = 36V
ZKA
Dynamic Output Impedance
0.15
0.5
Ω
1f
≤ 1kHz, IK = 1 to 150mA
0
15
30
45
60
75
90
105
TEMPERATURE (˚C)
0.07 mV/˚C
0.003 %/˚C
27 ppm/˚C
0.5
5000
0
00
–10
∆V
REF
∆T
1G-37
• TC in mV/oC =
∆VREF
(mV)
∆TA
• TC in %/oC =
∆VREF
VREF at 25
oC
x 100
∆TA
• TC in ppm/oC =
∆VREF
VREF at 25
oC
x 10
6
∆TA
*CALCULATING AVERAGE TEMPERATURE COEFFICIENT (TC)
TEST CIRCUITS
IN
V
KA
V
K
I
1G-38
REF
I
REF
= V
REF
I
IN
V
KA
V
2
R
1
R
REF
(V
)
K
I
1G-39
IN
V
KA
V
K(OFF)
I
1G-40
TEST CIRCUIT 1
TEST CIRCUIT 2
TEST CIRCUIT 3
CORPORATION



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com