Electronic Components Datasheet Search
  English  ▼

X  

L6924U013 Datasheet(PDF) 22 Page - STMicroelectronics

Part # L6924U013
Description  USB compatible battery charger system with integrated power switch for Li-Ion/Li-Polymer
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6924U013 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button L6924U013 Datasheet HTML 18Page - STMicroelectronics L6924U013 Datasheet HTML 19Page - STMicroelectronics L6924U013 Datasheet HTML 20Page - STMicroelectronics L6924U013 Datasheet HTML 21Page - STMicroelectronics L6924U013 Datasheet HTML 22Page - STMicroelectronics L6924U013 Datasheet HTML 23Page - STMicroelectronics L6924U013 Datasheet HTML 24Page - STMicroelectronics L6924U013 Datasheet HTML 25Page - STMicroelectronics L6924U013 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 37 page
background image
Applications information: charging process
L6924U
22/37
Doc ID 14716 Rev 2
Figure 15.
TPRG pin connection
Where,
RPRG = resistor which sets the current (RUSB or RAC)
VREF = 1.8 V,
KT = 279 x 10
5,
VBG = 1.23 V, and
TMAXCH is the charging time given in seconds.
If the battery does not reach the end-of-charge condition before the timer expires, a fault is
issued.
Also during the pre-charge phase there is a safety timer, given by:
Equation 11
If this timer expires and the battery voltage is still lower than VPRETH, a fault signal is
generated, and the charge process finishes.
Note:
When the device is charged in low power USB mode, in order to take into account the
reduced charge current, the maximum charging time is proportionally increased (five times
the maximum charging time calculated with RUSB).
MAXCH
MAXPRECH
T
T
×
=
8
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com