Electronic Components Datasheet Search
  English  ▼

X  

L6924U013 Datasheet(PDF) 35 Page - STMicroelectronics

Part # L6924U013
Description  USB compatible battery charger system with integrated power switch for Li-Ion/Li-Polymer
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6924U013 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button L6924U013 Datasheet HTML 29Page - STMicroelectronics L6924U013 Datasheet HTML 30Page - STMicroelectronics L6924U013 Datasheet HTML 31Page - STMicroelectronics L6924U013 Datasheet HTML 32Page - STMicroelectronics L6924U013 Datasheet HTML 33Page - STMicroelectronics L6924U013 Datasheet HTML 34Page - STMicroelectronics L6924U013 Datasheet HTML 35Page - STMicroelectronics L6924U013 Datasheet HTML 36Page - STMicroelectronics L6924U013 Datasheet HTML 37Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 35 / 37 page
background image
L6924U
Package mechanical data
Doc ID 14716 Rev 2
35/37
Table 8.
VFQFPN16 (3 x 3 mm.) mechanical data
Dim.
mm.
Min.
Typ.
Max.
A
0.80
0.90
1.00
A1
0.02
0.05
A2
0.65
1.00
A3
0.20
b
0.18
0.25
0.30
D
2.85
3.00
3.15
D2
1.45
1.60
1.75
E
2.85
3.00
3.15
E2
1.45
1.60
1.75
e
0.45
0.50
0.55
L
0.30
0.40
0.50
Figure 27.
Package dimensions
7185330_G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com