Electronic Components Datasheet Search
  English  ▼

X  

IRF6623PBF Datasheet(PDF) 4 Page - International Rectifier

Part # IRF6623PBF
Description  DirectFETPower MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF6623PBF Datasheet(HTML) 4 Page - International Rectifier

  IRF6623PBF Datasheet HTML 1Page - International Rectifier IRF6623PBF Datasheet HTML 2Page - International Rectifier IRF6623PBF Datasheet HTML 3Page - International Rectifier IRF6623PBF Datasheet HTML 4Page - International Rectifier IRF6623PBF Datasheet HTML 5Page - International Rectifier IRF6623PBF Datasheet HTML 6Page - International Rectifier IRF6623PBF Datasheet HTML 7Page - International Rectifier IRF6623PBF Datasheet HTML 8Page - International Rectifier IRF6623PBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
IRF6623PbF
4
www.irf.com
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Ambient
Fig 10. Threshold Voltage vs. Temperature
Fig 9. Maximum Drain Current vs. Case Temperature
-75
-50
-25
0
25
50
75
100 125 150
TJ , Temperature ( °C )
1.0
1.5
2.0
2.5
ID = 250µA
1E-006
1E-005
0.0001
0.001
0.01
0.1
1
10
100
t1 , Rectangular Pulse Duration (sec)
0.001
0.01
0.1
1
10
100
0.20
0.10
D = 0.50
0.02
0.01
0.05
SINGLE PULSE
( THERMAL RESPONSE )
Notes:
1. Duty Factor D = t1/t2
2. Peak Tj = P dm x Zthja + Tc
τ
J
τ
J
τ
1
τ
1
τ
2
τ
2
τ
3
τ
3
R
1
R
1
R
2
R
2
R
3
R
3
Ci
i
/Ri
Ci=
τi/Ri
τ
τ
C
τ
4
τ
4
R
4
R
4
Ri (°C/W)
τi (sec)
2.023
0.000678
19.48
0.240237
21.78
2.0167
14.71
58
25
50
75
100
125
150
TJ , Junction Temperature (°C)
0
10
20
30
40
50
60
Fig 7. Typical Source-Drain Diode Forward Voltage
Fig 8. Maximum Safe Operating Area
0.2
0.4
0.6
0.8
1.0
1.2
VSD, Source-to-Drain Voltage (V)
0.1
1.0
10.0
100.0
1000.0
TJ = 25°C
TJ = 150°C
VGS = 0V
0
1
10
100
VDS, Drain-toSource Voltage (V)
0.1
1
10
100
1000
Tc = 25°C
Tj = 150°C
Single Pulse
1msec
10msec
OPERATION IN THIS AREA
LIMITED BY RDS(on)
100µsec
τA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com