Electronic Components Datasheet Search
  English  ▼

X  

IRF6623PBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRF6623PBF
Description  DirectFETPower MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF6623PBF Datasheet(HTML) 1 Page - International Rectifier

  IRF6623PBF Datasheet HTML 1Page - International Rectifier IRF6623PBF Datasheet HTML 2Page - International Rectifier IRF6623PBF Datasheet HTML 3Page - International Rectifier IRF6623PBF Datasheet HTML 4Page - International Rectifier IRF6623PBF Datasheet HTML 5Page - International Rectifier IRF6623PBF Datasheet HTML 6Page - International Rectifier IRF6623PBF Datasheet HTML 7Page - International Rectifier IRF6623PBF Datasheet HTML 8Page - International Rectifier IRF6623PBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
www.irf.com
1
5/3/06
Notes
 through Š are on page 2
Description
The IRF6623PbF combines the latest HEXFET® Power MOSFET Silicon technology with the advanced DirectFETTM packag-
ing to achieve the lowest on-state resistance in a package that has the footprint of a MICRO-8 and only 0.7 mm profile. The
DirectFET package is compatible with existing layout geometries used in power applications, PCB assembly equipment and
vapor phase, infra-red or convection soldering techniques, when application note AN-1035 is followed regarding the manufac-
turing methods and processes. The DirectFET package allows dual sided cooling to maximize thermal transfer in power
systems, improving previous best thermal resistance by 80%.
The IRF6623PbF balances both low resistance and low charge along with ultra low package inductance to reduce both
conduction and switching losses. The reduced total losses make this product ideal for high efficiency DC-DC converters that
power the latest generation of processors operating at higher frequencies. The IRF6623PbF has been optimized for param-
eters that are critical in synchronous buck operating from 12 volt bus converters including Rds(on) and gate charge to
minimize losses in the control FET socket.
VDSS
RDS(on) max
Qg(typ.)
20V
5.7m
Ω@VGS = 10V
11nC
9.7m
Ω@VGS = 4.5V
DirectFET
™ ISOMETRIC
ST
Applicable DirectFET Outline and Substrate Outline (see p.8,9 for details)
SQ
SX
ST
MQ
MX
MT
Absolute Maximum Ratings
Parameter
Units
VDS
Drain-to-Source Voltage
V
VGS
Gate-to-Source Voltage
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
i
ID @ TA = 25°C
Continuous Drain Current, VGS @ 10V
Ãf
A
ID @ TA = 70°C
Continuous Drain Current, VGS @ 10V
f
IDM
Pulsed Drain Current
™
PD @TC = 25°C
Power Dissipation
i
PD @TA = 25°C
Power Dissipation
f
W
PD @TA = 70°C
Power Dissipation
f
EAS
Single Pulse Avalanche Energy
d
mJ
IAR
Avalanche Current
Ù
A
Linear Derating Factor
W/°C
TJ
Operating Junction and
°C
TSTG
Storage Temperature Range
Thermal Resistance
Parameter
Typ.
Max.
Units
RθJA
Junction-to-Ambient
fj
–––
58
RθJA
Junction-to-Ambient
gj
12.5
–––
RθJA
Junction-to-Ambient
hj
20
–––
°C/W
RθJC
Junction-to-Case
ij
–––
3.0
RθJ-PCB
Junction-to-PCB Mounted
1.0
–––
Max.
16
13
120
±20
20
55
-40 to + 150
42
0.017
1.4
2.1
43
40
PD - 97085
IRF6623PbF
IRF6623TRPbF
l RoHS Compliant
‰
l Lead-Free (Qualified up to 260°C Reflow)
l Application Specific MOSFETs
l Ideal for CPU Core DC-DC Converters
l Low Conduction Losses
l High Cdv/dt Immunity
l Low Profile (<0.7mm)
l Dual Sided Cooling Compatible
‰
l Compatible with existing Surface Mount Techniques
‰
DirectFET
™ Power MOSFET Š


Similar Part No. - IRF6623PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6623PBF IRF-IRF6623PBF Datasheet
244Kb / 9P
Ideal for CPU Core DC-DC Converters
IRF6623PBF IRF-IRF6623PBF Datasheet
244Kb / 9P
Ideal for CPU Core DC-DC Converters
IRF6623PBF IRF-IRF6623PBF_15 Datasheet
244Kb / 9P
Ideal for CPU Core DC-DC Converters
More results

Similar Description - IRF6623PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6644 IRF-IRF6644 Datasheet
247Kb / 9P
DirectFET Power MOSFET
IRF6628PBF IRF-IRF6628PBF Datasheet
267Kb / 9P
DirectFET Power MOSFET
IRF6722SPBF IRF-IRF6722SPBF Datasheet
260Kb / 9P
DirectFET Power MOSFET
AUIRF7665S2TR IRF-AUIRF7665S2TR Datasheet
348Kb / 11P
DirectFETPower MOSFET
AUIRF7640S2TR IRF-AUIRF7640S2TR Datasheet
309Kb / 11P
DirectFET Power MOSFET
IRF6727MPBF IRF-IRF6727MPBF_09 Datasheet
264Kb / 9P
DirectFET Power MOSFET
AUIRL7732S2 IRF-AUIRL7732S2 Datasheet
221Kb / 11P
DirectFETPower MOSFET
IRF6613PBF IRF-IRF6613PBF Datasheet
241Kb / 9P
DirectFETPower MOSFET
IRF6620PBF IRF-IRF6620PBF Datasheet
239Kb / 9P
DirectFETPower MOSFET
IRF6631PBF IRF-IRF6631PBF Datasheet
253Kb / 10P
DirectFETPower MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com