Electronic Components Datasheet Search
  English  ▼

X  

LH0002 Datasheet(PDF) 3 Page - Calogic, LLC

Part # LH0002
Description  LH0002 Buffer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC

LH0002 Datasheet(HTML) 3 Page - Calogic, LLC

  LH0002 Datasheet HTML 1Page - Calogic, LLC LH0002 Datasheet HTML 2Page - Calogic, LLC LH0002 Datasheet HTML 3Page - Calogic, LLC LH0002 Datasheet HTML 4Page - Calogic, LLC LH0002 Datasheet HTML 5Page - Calogic, LLC LH0002 Datasheet HTML 6Page - Calogic, LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
CORPORATION
TYPICAL PERFORMANCE CHARACTERISTICS
TIME (ns)
020
NEGATIVE PULSE
60
40
80 100
0
-1.0
-2.0
-3.0
-4.0
INPUT
OUTPUT
VS = ±12V
RL = RS = 50Ω
TA = 25˚C
120
-5.0
SUPPLY VOLTAGE (±V)
68
INPUT BIAS
CURRENT
12
10
14
16
6
5
4
3
2
1
18
20
4
0
7
8
TA = 55˚C
TA = 125˚C
TA = 25˚C
1.0
2.0
5.0
10.0
20.0
50.0
100
1.0
0.8
0.6
0.4
0.2
0.1
0
-8
-16
-24
-32
-40
FREQUENCY (MHz)
FREQUENCY RESPONSE
V
A
= 1Vrms-
IN
V
= ±12.0V
VS
= 25˚C
A
T
= 50
Ω
L
R
1.0
0
-20
-40
-60
-80
-100
0.2
0.5
1
2
5
10
1
10
100
1000
0
FREQUENCY (MHz)
INPUT IMPEDANCE
(MAGNITUDE & PHASE)
L
= 0.3V
IN
V
= 50
Ω
= ±12.0V
S
rms-
RV
= 25˚C
A
T
S
R = 10k
Ω
12.0
10.0
8.0
6.0
4.0
2.0
0
SUPPLY VOLTAGE (±V)
6.0
9.0
SUPPLY CURRENT
15.0
12.0
TA = 25˚C
LESS THAN ±10%
CHANGE FROM
-55˚C TO 125˚C
TIME (ns)
020
POSITIVE PULSE
60
40
80 100
5.0
4.0
3.0
2.0
1.0
0
INPUT
OUTPUT
VS = ±12V
RL = RS = 50Ω
TA = 25˚C
LH0002
CALOGIC CORPORATION, 237 Whitney Place, Fremont, California 94539, Telephone: 510-656-2900, FAX: 510-651-1076



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com