Electronic Components Datasheet Search
  English  ▼

X  

LH0002 Datasheet(PDF) 4 Page - Calogic, LLC

Part # LH0002
Description  LH0002 Buffer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC

LH0002 Datasheet(HTML) 4 Page - Calogic, LLC

  LH0002 Datasheet HTML 1Page - Calogic, LLC LH0002 Datasheet HTML 2Page - Calogic, LLC LH0002 Datasheet HTML 3Page - Calogic, LLC LH0002 Datasheet HTML 4Page - Calogic, LLC LH0002 Datasheet HTML 5Page - Calogic, LLC LH0002 Datasheet HTML 6Page - Calogic, LLC  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
CORPORATION
TYPICAL APPLICATIONS
FIGURE 2. Inverting Buffer Amplifier with Current Limit
LH0002
OP-AMP
+15V
0.1
µF
VIN
_
-15V
0.1
µF
100
Ω
3
1
2
8
4
5
-15V
0.1
µF
0.1
µF
+15V
V
OUT
R
F
R
IN
|| R
F
R
IN
VOUT
VIN
RF
RIN
= -
+
R
SC
FIGURE 1. Coaxial Cable Drive Circuit
INPUT
2
LH0002
3
4
5
8
1
0.1
µF
V-
R
LIM
0.001
µF
43
Ω
V+
0.001
µF
R
LIM
R
L
50
Ω
RG 58
R
LIM = 100Ω, 1W
0.1
µF
LH0002
CALOGIC CORPORATION, 237 Whitney Place, Fremont, California 94539, Telephone: 510-656-2900, FAX: 510-651-1076



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com