Electronic Components Datasheet Search
  English  ▼

X  

AFL5007SWES Datasheet(PDF) 9 Page - International Rectifier

Part # AFL5007SWES
Description  HYBRID-HIGH RELIABILITY DC/DC CONVERTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AFL5007SWES Datasheet(HTML) 9 Page - International Rectifier

Back Button AFL5007SWES Datasheet HTML 4Page - International Rectifier AFL5007SWES Datasheet HTML 5Page - International Rectifier AFL5007SWES Datasheet HTML 6Page - International Rectifier AFL5007SWES Datasheet HTML 7Page - International Rectifier AFL5007SWES Datasheet HTML 8Page - International Rectifier AFL5007SWES Datasheet HTML 9Page - International Rectifier AFL5007SWES Datasheet HTML 10Page - International Rectifier AFL5007SWES Datasheet HTML 11Page - International Rectifier AFL5007SWES Datasheet HTML 12Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
www.irf.com
9
AFL50XXS Series
General Application Information
Table 1. Nominal Resistance of Cu Wire
The AFL50XXS series of converters are capable of
providing large transient currents to user loads on demand.
Because the nominal input voltage range in this series is
relatively low, the resulting input current demands will be
correspondingly large. It is important therefore, that the line
impedance be kept very low to prevent steady state and
transient input currents from degrading the supply voltage
between the voltage source and the converter input. In
applications requiring high static currents and large
transients, it is recommended that the input leads be made
of adequate size to minimize resistive losses, and that a
good quality capacitor of approximately 100
µF be connected
directly across the input terminals to assure an adequately
low impedance at the input terminals. Table I relates nominal
resistance values and selected wire sizes.
Wire Size, AWG
Resistance per ft
24 Ga
25.7 m
Ω
22 Ga
16.2 m
Ω
20 Ga
10.1 m
Ω
18 Ga
6.4 m
Ω
16 Ga
4.0 m
Ω
14 Ga
2.5 m
Ω
12 Ga
1.6 m
Ω
Incorporation of a 100µF capacitor at the input terminals is
recommended as compensation for the dynamic effects
of the parasitic resistance of the input cable reacting with
the complex impedance of the converter input, and to
provide an energy reservoir for transient input current
requirements.
Figure VI. Problems of Parasitic Resistance in input Leads
Vin
Rtn
Case
Enable 1
Sync Out
Sync In
R
p
R
p
I
Rtn
I
in
e
source
System Ground
e
Rtn
100
µfd
(See text)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com