Electronic Components Datasheet Search
  English  ▼

X  

AFL5007SWES Datasheet(PDF) 1 Page - International Rectifier

Part # AFL5007SWES
Description  HYBRID-HIGH RELIABILITY DC/DC CONVERTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AFL5007SWES Datasheet(HTML) 1 Page - International Rectifier

  AFL5007SWES Datasheet HTML 1Page - International Rectifier AFL5007SWES Datasheet HTML 2Page - International Rectifier AFL5007SWES Datasheet HTML 3Page - International Rectifier AFL5007SWES Datasheet HTML 4Page - International Rectifier AFL5007SWES Datasheet HTML 5Page - International Rectifier AFL5007SWES Datasheet HTML 6Page - International Rectifier AFL5007SWES Datasheet HTML 7Page - International Rectifier AFL5007SWES Datasheet HTML 8Page - International Rectifier AFL5007SWES Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
12/15/06
www.irf.com
1
AFL50XXS SERIES
The AFL Series of DC/DC converters feature high power
density with no derating over the full military temperature
range. This series is offered as part of a complete family
of converters providing single and dual output voltages
and operating from nominal +28V, +50V, +120V or +270V
inputs with output power ranging from 80W to 120W.
For applications requiring higher output power,
individual converters can be operated in parallel. The
internal current sharing circuits assure equal current
distribution among the paralleled converters. This series
incorporates International Rectifier’s proprietary
magnetic pulse feedback technology providing
optimum dynamic line and load regulation response.
This feedback system samples the output voltage at
the pulse width modulator fixed clock frequency,
nominally 550KHz. Multiple converters can be
synchronized to a system clock in the 500KHz to 700
KHz range or to the synchronization output of one
converter. Undervoltage lockout, primary and secondary
referenced inhibit, soft-start and load fault protection
are provided on all models.
Description
n 30V To 80V Input Range
n 5V, 8V, 9V, 12V, 15V and 28V Outputs Available
n High Power Density - up to 84 W/in3
n Up To 120W Output Power
n Parallel Operation with Stress and Current
Sharing
n Low Profile (0.380") Seam Welded Package
n Ceramic Feedthru Copper Core Pins
n High Efficiency - to 85%
n Full Military Temperature Range
n Continuous Short Circuit and Overload
Protection
n Remote Sensing Terminals
n Primary and Secondary Referenced
Inhibit Functions
n Line Rejection > 40dB - DC to 50KHz
n External Synchronization Port
n Fault Tolerant Design
n Dual Output Versions Available
n Standard Microcircuit Drawings Available
Features
AFL
50V Input, Single Output
Manufactured in a facility fully qualified to MIL-PRF-
38534, these converters are fabricated utilizing DSCC
qualified processes. For available screening options,
refer to device screening table in the data sheet.
Variations in electrical, mechanical and screening can
be accommodated. Contact IR Santa Clara for special
requirements.
HYBRID-HIGH RELIABILITY
DC/DC CONVERTER
These converters are hermetically packaged in two
enclosure variations, utilizing copper core pins to
minimize resistive DC losses. Three lead styles are
available, each fabricated with International Rectifier’s
rugged ceramic lead-to-package seal assuring long
term hermeticity in the most harsh environments.
PD - 94457B


Similar Part No. - AFL5007SWES

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AFL5007SWES IRF-AFL5007SWES Datasheet
219Kb / 12P
HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL5007SWES IRF-AFL5007SWES Datasheet
221Kb / 12P
HYBRID-HIGH RELIABILITY DC/DC CONVERTER
More results

Similar Description - AFL5007SWES

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AHP27003R3S IRF-AHP27003R3S Datasheet
194Kb / 12P
HYBRID - HIGH RELIABILITY DC/DC CONVERTER
ATR2803R3S IRF-ATR2803R3S Datasheet
163Kb / 12P
HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL503R3S IRF-AFL503R3S Datasheet
187Kb / 9P
HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL27005D IRF-AFL27005D Datasheet
185Kb / 11P
HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AHV2805SFES IRF-AHV2805SFES Datasheet
185Kb / 9P
HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL2700S IRF-AFL2700S_15 Datasheet
539Kb / 16P
HYBRID-HIGH RELIABILITY DC/DC CONVERTER
ATR2800D IRF-ATR2800D_15 Datasheet
275Kb / 8P
HYBRID - HIGH RELIABILITY DC-DC CONVERTER
AHE2805S IRF-AHE2805S Datasheet
152Kb / 8P
HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AHF2805S IRF-AHF2805S_17 Datasheet
474Kb / 20P
HYBRID-HIGH RELIABILITY DC-DC CONVERTER
AHP27005DXES IRF-AHP27005DXES Datasheet
214Kb / 10P
HYBRID-HIGH RELIABILITY DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com