Electronic Components Datasheet Search
  English  ▼

X  

TL431 Datasheet(PDF) 6 Page - Calogic, LLC

Part # TL431
Description  Precision Adjustable Precision Adjustable
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC

TL431 Datasheet(HTML) 6 Page - Calogic, LLC

  TL431 Datasheet HTML 1Page - Calogic, LLC TL431 Datasheet HTML 2Page - Calogic, LLC TL431 Datasheet HTML 3Page - Calogic, LLC TL431 Datasheet HTML 4Page - Calogic, LLC TL431 Datasheet HTML 5Page - Calogic, LLC TL431 Datasheet HTML 6Page - Calogic, LLC  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
TL431
100
0
10
10
1H-04
7
STABILITY BOUNDARY
CONDITIONS
90
80
70
60
50
40
30
20
10
10
10
10
10
10
10
6
5
4
3
2
1
0
TA = 25˚C
A
C
D
B
A: VKA = VREF
B: VKA = 5V AT IK = 10mA
C: VKA = 10V AT IK = 10mA
D: VKA = 15V AT IK = 10mA
STABILITY
REGION
– LOAD CAPACITANCE (pF)
CL
6
–1
0
1H-02
PULSE RESPONSE
t – TIME (
µs)
12
12345
6 7 8
9 10 11
4
3
2
1
0
5
INPUT
OUTPUT
1H-03
GND
OUT
220
Ω
INPUT
MONITOR
50
Ω
f
P
= 100kHz
1H-05
K
I
L
C
150
Ω
10k
TYPICAL PERFORMANCE CURVES (continued)
CALOGIC CORPORATION, 237 Whitney Place, Fremont, California 94539, Telephone: 510-656-2900, FAX: 510-651-3025
CORPORATION



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com