Electronic Components Datasheet Search
  English  ▼

X  

TL431 Datasheet(PDF) 1 Page - Calogic, LLC

Part # TL431
Description  Precision Adjustable Precision Adjustable
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC

TL431 Datasheet(HTML) 1 Page - Calogic, LLC

  TL431 Datasheet HTML 1Page - Calogic, LLC TL431 Datasheet HTML 2Page - Calogic, LLC TL431 Datasheet HTML 3Page - Calogic, LLC TL431 Datasheet HTML 4Page - Calogic, LLC TL431 Datasheet HTML 5Page - Calogic, LLC TL431 Datasheet HTML 6Page - Calogic, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Precision Adjustable
Shunt Reference
TL431
FEATURES
•• Trimmed 1% Bandgap Reference
•• Nominal Temperature Range Extended to 105oC
•• Temperature-Compensated: 30ppm/oC
•• Internal Amplifier with 150mA Capability
•• Low Output Noise
•• Low Frequency Dynamic Output Impedance
DESCRIPTION
The TL431 is an adjustable shunt regulator designed to act as
an open-loop error amplifier with a 2.5V temperature
compensated reference.
Its highly accurate 1% bandgap
reference is perfect for applications requiring stability and
accuracy over temperature and life.
Sharp turn-on characteristics and a low temperature coefficient
make the TL431 an excellent replacement for many zener
diode applications, programmable to any value greater than
2.5V and up to 36V by using two external resistors. As a
combination error amplifier and reference, it can be used to
manage control loops such as switching power supplies.
ORDERING INFORMATION
Part
Package
Temperature Range
TL431LP
TO-92
0 to 105
oC
TL431D
8-Pin Plastc SOIC
0 to 105
oC
TL431S
SOT-89
0 to 105
oC
CORPORATION
CALOGIC CORPORATION, 237 Whitney Place, Fremont, California 94539, Telephone: 510-656-2900, FAX: 510-651-3025
CATHODE
ANODE
REFERENCE
TO-92 (LP)
1G-33
SOIC (D)
8
7
6
5
1
2
3
4
REFERENCE
ANODE
ANODE
N/C
CATHODE
ANODE
ANODE
N/C
1G-34
1G-35
CATHODE
ANODE
REFERENCE
SOT-89 (S)
PIN CONFIGURATION (Top View)


Similar Part No. - TL431

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
TL431 MOTOROLA-TL431 Datasheet
258Kb / 16P
PROGRAMMABLE PRECISION REFERENCES
logo
ON Semiconductor
TL431 ONSEMI-TL431 Datasheet
173Kb / 18P
PROGRAMMABLE PRECISION REFERENCES
April, 2012 ??Rev. 34
logo
STMicroelectronics
TL431 STMICROELECTRONICS-TL431 Datasheet
152Kb / 10P
PROGRAMMABLE VOLTAGE REFERENCE
Mar-2002
logo
Texas Instruments
TL431 TI-TL431 Datasheet
795Kb / 41P
ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Fairchild Semiconductor
TL431 FAIRCHILD-TL431 Datasheet
87Kb / 10P
Programmable Shunt Regulator
More results

Similar Description - TL431

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SS432G ETC-SS432G Datasheet
382Kb / 7P
Adjustable Precision Shunt Regulator
logo
Sipex Corporation
SPX431A SIPEX-SPX431A Datasheet
112Kb / 12P
Precision Adjustable Shunt Regulator
logo
Catalyst Semiconductor
CAT102 CATALYST-CAT102_05 Datasheet
176Kb / 9P
Precision, Adjustable Shunt Regulator
logo
BCD Semiconductor Manuf...
AS431 BCDSEMI-AS431_12 Datasheet
704Kb / 18P
ADJUSTABLE PRECISION SHUNT REGULATORS
logo
NXP Semiconductors
TL431AFDT.215 NXP-TL431AFDT.215 Datasheet
277Kb / 27P
Adjustable precision shunt regulator
Rev. 4-30 June 2011
logo
Advanced Power Electron...
AP431A A-POWER-AP431A Datasheet
216Kb / 10P
ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Orister Corporation
RS431 ORISTER-RS431_09 Datasheet
867Kb / 10P
Adjustable Precision Shunt Regulator
logo
NXP Semiconductors
TL431IDBZR215 PHILIPS-TL431IDBZR215 Datasheet
277Kb / 27P
Adjustable precision shunt regulator
Rev. 4-30 June 2011
logo
Cystech Electonics Corp...
TL431IN3 CYSTEKEC-TL431IN3 Datasheet
345Kb / 8P
Adjustable Precision Shunt Regulators
TL431SA3 CYSTEKEC-TL431SA3 Datasheet
204Kb / 6P
Adjustable Precision Shunt Regulators
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com