Electronic Components Datasheet Search
  English  ▼

X  

1415513 Datasheet(PDF) 1 Page - C&D Technologies

Part # 1415513
Description  Bobbin Type Inductors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

1415513 Datasheet(HTML) 1 Page - C&D Technologies

  1415513 Datasheet HTML 1Page - C&D Technologies 1415513 Datasheet HTML 2Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
■
Radial Format
■
--40°C to 85°C Operating Temp
■
Up to 13A IDC
■
10µH to 22mH
■
Low DC Resistance
■
Fully Tinned Leads
■
PCB Mounting Hole
■
Low Temperature Dependance
■
MIL-I-23053/5 Class I&II Sleeving
■
Custom Parts Available
DESCRIPTION
The 1400 Series is suitable for many power
supply and other general purpose filtering
applications. The use of a non-magnetic
screw will ensure mechanical stability.
SELECTION GUIDE
Mechanical Dimensions
Footprint
1400 SERIES
Bobbin Type Inductors
Order Code
µH
Ω
A°C
Q
f
MHz
a
b
cd
Øe
f
Øg
1410313
10
0.007 13
20
54
50 20.7 27.0 24.4 14.0 1.30 4.5* 23.9 2.6
1415312
15
0.009 12
25
42
50 12.7 27.0 24.4 14.0 1.30 4.5* 23.9 2.6
1422311
22
0.011 11
27
64
100 9.3 27.0 24.4 14.0 1.30 4.5* 23.9 2.6
1433393
33
0.015 9.3
25
27
50
9.1 27.0 24.4 14.0 1.30 4.5* 23.9 2.6
1447383
47
0.019 8.3
25
40
100 6.0 27.0 24.4 18.5 1.30 4.5* 23.9 2.6
1447385
47
0.021 8.5
26
33
100 6.7 26.8 24.4 14.0 1.20 4.5* 23.8 2.4
1468362
68
0.032 6.2
27
32
100 5.3 26.5 24.4 14.0 1.08 4.5* 23.7 2.1
1468373
68
0.022 7.3
27
45
100 5.3 27.0 24.4 18.5 1.30 4.5* 23.9 2.6
1410454
100 0.042 5.4
27
24
100 4.6 26.4 24.4 14.0 1.02 4.5* 23.6 2.0
1410460
100 0.033 6.0
29
37
100 3.9 26.8 24.4 18.5 1.20 4.5* 23.8 2.4
1410478
100 0.040 7.8
28
34
50
3.3 32.4 29.8 21.8 1.30 5.1 29.3 2.6
1415440
150 0.069 4.0
26
24
50
3.4 26.2 24.4 14.0 0.90 4.5* 23.5 1.8
1415449
150 0.051 4.9
27
34
50
2.9 26.4 24.4 18.5 1.02 4.5* 23.6 2.0
1415465
150 0.042 6.5
29
46
100 2.4 32.2 29.8 21.8 1.20 5.1 29.2 2.4
1422435
220 0.096 3.5
29
22
50
2.8 26.1 24.4 14.0 0.85 4.5* 23.5 1.7
1422441
220 0.073 4.1
25
33
100 2.3 26.3 24.4 18.5 0.97 4.5* 23.6 1.9
1422455
220 0.062 5.5
27
30
50
2.2 32.1 29.8 21.8 1.14 5.1 29.1 2.2
1430430
300 0.140 3.0
23
26
50
2.6 25.9 24.4 14.0 0.75 4.5* 23.4 1.5
1430433
300 0.100 3.5
25
37
50
2.2 26.2 24.4 18.5 0.90 4.5* 23.5 1.8
1430450
300 0.080 5.0
29
28
50
1.7 31.8 29.8 21.8 1.02 5.1 29.0 2.0
1433428
330 0.150 2.8
24
22
50
2.5 25.9 24.4 14.0 0.76 4.5* 23.4 1.5
1433433
330 0.107 3.3
25
29
50
2.0 26.2 24.4 18.5 0.90 4.5* 23.5 1.8
1433445
330 0.091 4.5
29
25
50
1.6 31.8 29.8 21.8 1.02 5.1 29.0 2.0
1447423
470 0.222 2.3
28
34
50
2.0 25.7 24.4 14.0 0.67 4.5* 23.3 1.3
1447427
470 0.149 2.7
24
25
50
1.6 26.1 24.4 18.5 0.85 4.5* 23.5 1.7
1447440
470 0.125 4.0
29
24
50
1.4 31.7 29.8 21.8 0.97 5.1 29.0 1.9
1468420
680 0.276 2.0
25
23
50
1.6 25.7 24.4 14.0 0.67 4.5* 23.3 1.3
1468422
680 0.226 2.2
28
28
50
1.3 25.9 24.4 18.5 0.75 4.5* 23.4 1.5
1468431
680 0.173 3.1
27
60
10
1.0 31.6 29.8 21.8 0.90 5.1 28.9 1.8
1410516
1.0mH 0.419 1.6
24
30
50
1.4 25.6 24.4 14.0 0.60 4.5* 23.2 1.2
1410517
1.0mH 0.336 1.7
26
35
50
1.2 25.7 24.4 18.5 0.67 4.5* 23.3 1.3
1410524
1.0mH 0.277 2.4
28
33
50
1.0 31.4 29.8 21.8 0.79 5.1 28.8 1.5
1415513
1.5mH 0.630 1.3
27
34
50
1.0 25.5 24.4 14.0 0.54 4.5* 23.1 1.0
1415514
1.5mH 0.518 1.4
26
47
50
0.8 25.6 24.4 18.5 0.60 4.5* 23.2 1.2
1415517
1.5mH 0.374 1.7
26
28
50
0.7 31.3 29.8 21.8 0.75 5.1 28.8 1.5
1422509
2.2mH 0.916 0.9
25
43
50
0.9 25.3 24.4 14.0 0.48 4.5* 23.1 0.9
1422512
2.2mH 0.649 1.2
25
33
50
0.7 25.6 24.4 18.5 0.60 4.5* 23.2 1.2
1422514
2.2mH 0.622 1.4
27
33
50
0.6 31.1 29.8 21.8 0.67 5.1 28.7 1.3
1433507
3.3mH 1.428 0.7
22
45
50
0.8 25.2 24.4 14.0 0.43 4.5* 23.0 0.8
1433510
3.3mH 1.992 1.0
26
20
50
0.7 25.5 24.4 18.5 0.54 4.5* 23.1 1.0
1433512
3.3mH 0.861 1.2
26
20
50
0.5 31.0 29.8 21.8 0.60 5.1 28.6 1.2
* The drilled hole for these devices have a 6.10Ø x 2.40 countersink
www.cdpoweronline.com


Similar Part No. - 1415513

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
1415513C MURATA-1415513C Datasheet
497Kb / 2P
Bobbin Type Inductors
1415513C MURATA-1415513C Datasheet
110Kb / 2P
Bobbin Type Inductors
logo
Murata Power Solutions ...
1415513C MURATA-PS-1415513C Datasheet
340Kb / 2P
Bobbin Type Inductors
More results

Similar Description - 1415513

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
1410313C MURATA-1410313C Datasheet
497Kb / 2P
Bobbin Type Inductors
logo
Datatronic Distribution...
PT12110 DATATRONICS-PT12110 Datasheet
49Kb / 1P
Bobbin Type Fixed Inductors
logo
Murata Manufacturing Co...
KMP_1400 MURATA-KMP_1400 Datasheet
110Kb / 2P
Bobbin Type Inductors
logo
Allied Components Inter...
RB20-101K-RC ALLIED-RB20-101K-RC Datasheet
781Kb / 1P
Radial Bobbin Inductors
RB30-1R0K-RC ALLIED-RB30-1R0K-RC Datasheet
836Kb / 1P
Radial Bobbin Inductors
RB20-101K-RC ALLIED-RB20-101K-RC_10 Datasheet
795Kb / 1P
Radial Bobbin Inductors
RB30-1R0K-RC ALLIED-RB30-1R0K-RC_10 Datasheet
839Kb / 1P
Radial Bobbin Inductors
RB1010-100K-RC ALLIED-RB1010-100K-RC Datasheet
363Kb / 1P
Radial Bobbin Inductors
logo
Murata Power Solutions ...
1410313C MURATA-PS-1410313C Datasheet
340Kb / 2P
Bobbin Type Inductors
logo
Allied Components Inter...
RB40 ALLIED-RB40 Datasheet
753Kb / 1P
Radial Bobbin Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com