Electronic Components Datasheet Search
  English  ▼

X  

1415513 Datasheet(PDF) 2 Page - C&D Technologies

Part # 1415513
Description  Bobbin Type Inductors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

1415513 Datasheet(HTML) 2 Page - C&D Technologies

  1415513 Datasheet HTML 1Page - C&D Technologies 1415513 Datasheet HTML 2Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SELECTION GUIDE
Mechanical Dimensions
Footprint
Order Code
µH
Ω
A°C
Q
f
MHz
a
bcd
Øe
f
Øg
1447506
4.7mH 2.200 0.6
27
60
50
0.6 25.2 24.4 14.0 0.39 4.5* 23.0 0.7
1447508
4.7mH 1.436 0.8
26
65
50
0.5 25.3 24.4 18.5 0.48 4.5* 23.1 0.9
1447509
4.7mH 1.250 0.9
28
57
10
0.5 30.9 29.8 21.8 0.54 5.1 28.5 1.0
1468505
6.8mH 2.810 0.5
24
50
50
0.5 25.2 24.4 14.0 0.39 4.5* 23.0 0.7
1468507
6.8mH 2.214 0.7
25
47
50
0.4 25.2 24.4 18.5 0.43 4.5* 23.0 0.8
1468508
6.8mH 1.884 0.8
26
30
50
0.4 30.7 29.8 21.8 0.48 5.1 28.5 0.9
1410604
10mH 4.340 0.4
22
51
50
0.4 25.1 24.4 14.0 0.34 4.5* 22.9 0.6
1410605
10mH 3.394 0.5
24
48
50
0.3 25.2 24.4 18.5 0.39 4.5* 23.0 0.7
1410606
10mH 2.294 0.6
25
48
50
0.2 30.9 29.8 21.8 0.54 5.1 28.5 1.0
1415604
15mH 4.912 0.4
25
61
10
0.2 25.1 24.4 18.5 0.34 4.5* 22.9 0.6
1415605
15mH 3.740 0.5
21
55
10
0.2 30.6 29.8 21.8 0.43 5.1 28.4 0.8
1422604
22mH 6.926 0.4
26
30
50
0.2 30.5 29.8 21.8 0.34 5.1 28.3 0.6
* The drilled hole for these devices have a 6.10Ø x 2.40 countersink
Operating free air temperature range
–40°C to 85°C
Storage temperature range
–55°C to 125°C
ABSOLUTE MAXIMUM RATINGS
Inductance
Resistance
Curie
Saturation
Temperature
Temperature
Temperature
Flux
Coefficient
Coefficient
TC
BSAT
215ppm
4100ppm
130°C
240mT
TYPICAL CORE CHARACTERISTICS
1400 SERIES
Bobbin Type Inductors
C&D Technologies (NCL) Limited reserve the right to alter or improve the
specification, internal design or manufacturing process at any time, without
notice. Please check with your supplier or visit our web site to ensure that
you have the current and complete specification for your product before use.
© C&D Technologies (NCL) Limited 2003
NMP 1400.5
No part of this publication may be copied, transmitted or stored in a
retrieval system or reproduced in any way including, but not limited to,
photography, photocopy, magnetic or other recording means, without prior
written permission from C&D Technologies (NCL) Limited.
Instructions for use are available from www.cdpoweronline.com
MECHANICAL DIMENSIONS
Recommended Footprint Details
g ±0.15
All dimensions in mm
e ±0.30
d ±0.05
a ±1.50
f ±1.50
C&D Technologies (NCL) Ltd
Tanners Drive, Blakelands North
Milton Keynes MK14 5BU, England
Tel: +44 (0)1908 615232
Fax: +44 (0)1908 617545
email: info@cdtechno-ncl.com
www.cdpoweronline.com
C&D Technologies Inc.
3400 E Britannia Drive, Tucson,
Arizona 85706, USA
Tel: +1 (800) 547-2537
Fax: +1 (520) 741-4598
email: sales@cdtechno.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com