Electronic Components Datasheet Search
  English  ▼

X  

LPC1764 Datasheet(PDF) 68 Page - NXP Semiconductors

Part # LPC1764
Description  32-bit ARM Cortex-M3 microcontroller; up to 512 kB flash and 64 kB SRAM with Ethernet, USB 2.0 Host/Device/OTG, CAN
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC1764 Datasheet(HTML) 68 Page - NXP Semiconductors

Back Button LPC1764 Datasheet HTML 64Page - NXP Semiconductors LPC1764 Datasheet HTML 65Page - NXP Semiconductors LPC1764 Datasheet HTML 66Page - NXP Semiconductors LPC1764 Datasheet HTML 67Page - NXP Semiconductors LPC1764 Datasheet HTML 68Page - NXP Semiconductors LPC1764 Datasheet HTML 69Page - NXP Semiconductors LPC1764 Datasheet HTML 70Page - NXP Semiconductors LPC1764 Datasheet HTML 71Page - NXP Semiconductors LPC1764 Datasheet HTML 72Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 86 page
background image
LPC1769_68_67_66_65_64_63
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2014. All rights reserved.
Product data sheet
Rev. 9.3 — 8 January 2014
68 of 86
NXP Semiconductors
LPC1769/68/67/66/65/64/63
32-bit ARM Cortex-M3 microcontroller
15. Application information
15.1 Suggested USB interface solutions
Remark: The USB controller is available as a device/Host/OTG controller on parts
LPC1769/68/66/65 and as device-only controller on part LPC1764.
If the LPC1769/68/67/66/65/64/63 VDD is always greater than 0 V while VBUS = 5 V, the
VBUS pin can be connected directly to the VBUS pin on the USB connector.
This applies to bus powered devices where the USB cable supplies the system power. For
systems where VDD can be 0 V and VBUS is directly applied to the VBUS pin, precautions
must be taken to reduce the voltage to below 3.6 V.
The maximum allowable voltage on the VBUS pin is 3.6 V. One method is to use a voltage
divider to connect the VBUS pin to the VBUS on the USB connector.
The voltage divider ratio should be such that the VBUS pin will be greater than 0.7VDD to
indicate a logic HIGH while below the 3.6 V allowable maximum voltage.
Use the following operating conditions:
VBUSmax = 5.25 V
VDD = 3.6 V
The voltage divider would need to provide a reduction of 3.6 V/5.25 V or ~0.686 V.
Fig 28. USB interface on a bus-powered device
LPC17xx
VDD(3V3)
R1
1.5 k
Ω
R2
USB_UP_LED
002aad940
USB-B
connector
USB_D+
USB_D
−
VBUS
VSS
RS = 33 Ω
RS = 33 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com