Electronic Components Datasheet Search
  English  ▼

X  

LPC1764 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # LPC1764
Description  32-bit ARM Cortex-M3 microcontroller; up to 512 kB flash and 64 kB SRAM with Ethernet, USB 2.0 Host/Device/OTG, CAN
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC1764 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button LPC1764 Datasheet HTML 14Page - NXP Semiconductors LPC1764 Datasheet HTML 15Page - NXP Semiconductors LPC1764 Datasheet HTML 16Page - NXP Semiconductors LPC1764 Datasheet HTML 17Page - NXP Semiconductors LPC1764 Datasheet HTML 18Page - NXP Semiconductors LPC1764 Datasheet HTML 19Page - NXP Semiconductors LPC1764 Datasheet HTML 20Page - NXP Semiconductors LPC1764 Datasheet HTML 21Page - NXP Semiconductors LPC1764 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 86 page
background image
LPC1769_68_67_66_65_64_63
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2014. All rights reserved.
Product data sheet
Rev. 9.3 — 8 January 2014
18 of 86
NXP Semiconductors
LPC1769/68/67/66/65/64/63
32-bit ARM Cortex-M3 microcontroller
[1]
5 V tolerant pad providing digital I/O functions with TTL levels and hysteresis. This pin is pulled up to a voltage level of 2.3 V to 2.6 V.
[2]
5 V tolerant pad providing digital I/O functions (with TTL levels and hysteresis) and analog input. When configured as a ADC input,
digital section of the pad is disabled and the pin is not 5 V tolerant. This pin is pulled up to a voltage level of 2.3 V to 2.6 V.
[3]
5 V tolerant pad providing digital I/O with TTL levels and hysteresis and analog output function. When configured as the DAC output,
digital section of the pad is disabled. This pin is pulled up to a voltage level of 2.3 V to 2.6 V.
[4]
Open-drain 5 V tolerant digital I/O pad, compatible with I2C-bus 400 kHz specification. This pad requires an external pull-up to provide
output functionality. When power is switched off, this pin connected to the I2C-bus is floating and does not disturb the I2C lines.
Open-drain configuration applies to all functions on this pin.
[5]
Pad provides digital I/O and USB functions. It is designed in accordance with the USB specification, revision 2.0 (Full-speed and
Low-speed mode only). This pad is not 5 V tolerant.
[6]
5 V tolerant pad with 10 ns glitch filter providing digital I/O functions with TTL levels and hysteresis. This pin is pulled up to a voltage
level of 2.3 V to 2.6 V.
[7]
5 V tolerant pad with TTL levels and hysteresis. Internal pull-up and pull-down resistors disabled.
XTAL2
23
G3
[10][11]
O
Output from the oscillator amplifier.
RTCX1
16
F2
[10][11]
I
Input to the RTC oscillator circuit.
RTCX2
18
G1
[10]
O
Output from the RTC oscillator circuit.
VSS
31,
41,
55,
72,
83,
97
B3,
B7,
C9,
G7,
J6,
K3
[10]
I
ground: 0 V reference.
VSSA
11
E1
[10]
I
analog ground: 0 V reference. This should nominally be the same voltage
as VSS, but should be isolated to minimize noise and error.
VDD(3V3)
28,
54,
71,
96
K2,
H9,
C10
, A3
[10]
I
3.3 V supply voltage: This is the power supply voltage for the I/O ports.
VDD(REG)(3V3)
42,
84
H6,
A7
[10]
I
3.3 V voltage regulator supply voltage: This is the supply voltage for the
on-chip voltage regulator only.
VDDA
10
E2
[10]
I
analog 3.3 V pad supply voltage: This should be nominally the same
voltage as VDD(3V3) but should be isolated to minimize noise and error. This
voltage is used to power the ADC and DAC. This pin should be tied to 3.3
V if the ADC and DAC are not used.
VREFP
12
E3
[10]
I
ADC positive reference voltage: This should be nominally the same
voltage as VDDA but should be isolated to minimize noise and error. Level
on this pin is used as a reference for ADC and DAC. This pin should be tied
to 3.3 V if the ADC and DAC are not used.
VREFN
15
F1
I
ADC negative reference voltage: This should be nominally the same
voltage as VSS but should be isolated to minimize noise and error. Level on
this pin is used as a reference for ADC and DAC.
VBAT
19
G2
[10][12]
I
RTC pin power supply: 3.3 V on this pin supplies the power to the RTC
peripheral.
n.c.
13
D4,
E4
-
not connected.
Table 5.
Pin description …continued
Symbol
Pin/ball
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com