Electronic Components Datasheet Search
  English  ▼

X  

OPA172IDBVT Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # OPA172IDBVT
Description  36-V Single-Supply 10-MHz Rail-to-Rail Output Operational Amplifiers
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA172IDBVT Datasheet(HTML) 11 Page - Texas Instruments

Back Button OPA172IDBVT Datasheet HTML 7Page - Texas Instruments OPA172IDBVT Datasheet HTML 8Page - Texas Instruments OPA172IDBVT Datasheet HTML 9Page - Texas Instruments OPA172IDBVT Datasheet HTML 10Page - Texas Instruments OPA172IDBVT Datasheet HTML 11Page - Texas Instruments OPA172IDBVT Datasheet HTML 12Page - Texas Instruments OPA172IDBVT Datasheet HTML 13Page - Texas Instruments OPA172IDBVT Datasheet HTML 14Page - Texas Instruments OPA172IDBVT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
Time (200 ns/div)
C006
R
L
NŸ
C
L = 10pF
±
+
RI = 1 k
VIN = 10mV
+ 18 V
± 18 V
OPA172
+
±
RF = 1 k
CL
RL
Time (200 ns/div)
C014
CL = 10pF
±
+
VIN = 10mV
+ 18 V
± 18 V
CL
OPA172
+
±
Time (1 s/div)
C010
VOUT
VIN
±
+
RF = 10 k
RI = 1 k
VOUT
VIN = 2V
+ 18 V
± 18 V
OPA172
+
±
Time (1 s/div)
C010
VOUT
VIN
±
+
RF = 10 k
RI = 1 k
VOUT
VIN = 2V
+ 18 V
± 18 V
OPA172
+
±
Time (1 s/div)
C009
VOUT
VIN
±
+
RF = 10 k
RI = 1 k
VOUT
VIN = 2V
+ 18 V
± 18 V
OPA172
+
±
Time (1 s/div)
C009
VOUT
VIN
±
+
RF = 10 k
RI = 1 k
VOUT
VIN = 2V
+ 18 V
± 18 V
OPA172
+
±
OPA172
OPA2172
OPA4172
www.ti.com
SBOS618 – DECEMBER 2013
TYPICAL CHARACTERISTICS (continued)
VS = ±18 V, VCM = VS/2, RLOAD = 10 kΩ connected to VS/2, and CL = 100 pF, unless otherwise noted.
Figure 25. POSITIVE OVERLOAD RECOVERY
Figure 26. POSITIVE OVERLOAD RECOVERY
(Zoomed In)
Figure 27. NEGATIVE OVERLOAD RECOVERY
Figure 28. NEGATIVE OVERLOAD RECOVERY
(Zoomed In)
Figure 29. SMALL-SIGNAL STEP RESPONSE
Figure 30. SMALL-SIGNAL STEP RESPONSE
(10 mV, G = –1)
(10 mV, G = +1)
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: OPA172 OPA2172 OPA4172



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com