Electronic Components Datasheet Search
  English  ▼

X  

OPA172IDBVT Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # OPA172IDBVT
Description  36-V Single-Supply 10-MHz Rail-to-Rail Output Operational Amplifiers
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA172IDBVT Datasheet(HTML) 13 Page - Texas Instruments

Back Button OPA172IDBVT Datasheet HTML 9Page - Texas Instruments OPA172IDBVT Datasheet HTML 10Page - Texas Instruments OPA172IDBVT Datasheet HTML 11Page - Texas Instruments OPA172IDBVT Datasheet HTML 12Page - Texas Instruments OPA172IDBVT Datasheet HTML 13Page - Texas Instruments OPA172IDBVT Datasheet HTML 14Page - Texas Instruments OPA172IDBVT Datasheet HTML 15Page - Texas Instruments OPA172IDBVT Datasheet HTML 16Page - Texas Instruments OPA172IDBVT Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
0
5
10
15
20
25
30
10k
100k
1M
10M
Frequency (Hz)
C033
V
S = ±2.25 V
V
S = ±5 V
V
S = ±15 V
Maximum output voltage without
slew-rate induced distortion.
0.0
20.0
40.0
60.0
80.0
100.0
120.0
140.0
160.0
10M
100M
1G
10G
Frequency (Hz)
C017
P
RF = -10 dBm
V
SUPPLY = ±18 V
V
CM = 0 V
Time (200 s/div)
C011
V
OUT
V
IN
37 VPP
Sine Wave
(±18.5V)
±
+
VOUT
+ 18 V
± 18 V
OPA172
+
±
0
25
50
75
100
±75
±50
±25
0
25
50
75
100
125
150
Temperature (
ƒC)
C001
ISC, Source ±18V
ISC, Sink “18V
OPA172
OPA2172
OPA4172
www.ti.com
SBOS618 – DECEMBER 2013
TYPICAL CHARACTERISTICS (continued)
VS = ±18 V, VCM = VS/2, RLOAD = 10 kΩ connected to VS/2, and CL = 100 pF, unless otherwise noted.
Figure 37. NO PHASE REVERSAL
Figure 38. SHORT-CIRCUIT CURRENT vs TEMPERATURE
Figure 39. MAXIMUM OUTPUT VOLTAGE vs FREQUENCY
Figure 40. EMIRR vs FREQUENCY
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: OPA172 OPA2172 OPA4172



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com