Electronic Components Datasheet Search
  English  ▼

X  

LM108 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM108
Description  Operational Amplifiers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM108 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM108 Datasheet HTML 1Page - National Semiconductor (TI) LM108 Datasheet HTML 2Page - National Semiconductor (TI) LM108 Datasheet HTML 3Page - National Semiconductor (TI) LM108 Datasheet HTML 4Page - National Semiconductor (TI) LM108 Datasheet HTML 5Page - National Semiconductor (TI) LM108 Datasheet HTML 6Page - National Semiconductor (TI) LM108 Datasheet HTML 7Page - National Semiconductor (TI) LM108 Datasheet HTML 8Page - National Semiconductor (TI) LM108 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Electrical Characteristics (Note 4) (Continued)
Parameter
Condition
LM108LM208
LM308
Units
Min
Typ
Max
Min
Typ
Max
Input Voltage Range
VS e g15V
g
135
g
14
V
Common Mode
85
100
80
100
dB
Rejection Ratio
Supply Voltage
80
96
80
96
dB
Rejection Ratio
Note 1
The maximum junction temperature of the LM108 is 150 C for the LM208 100 C and for the LM308 85 C For operating at elevated temperatures devices
in the H08 package must be derated based on a thermal resistance of 160 CW junction to ambient or 20 CW junction to case The thermal resistance of the
dual-in-line package is 100 CW junction to ambient
Note 2
The inputs are shunted with back-to-back diodes for overvoltage protection Therefore excessive current will flow if a differential input voltage in excess of
1V is applied between the inputs unless some limiting resistance is used
Note 3
For supply voltages less than g15V the absolute maximum input voltage is equal to the supply voltage
Note 4
These specifications apply for g5V s VS s g20V and b55 C s TA s a125 C unless otherwise specified With the LM208 however all temperature
specifications are limited to b25 C s TA s 85 C and for the LM308 they are limited to 0 C s TA s 70 C
Note 5
Refer to RETS108X for LM108 military specifications and RETs 108AX for LM108A military specifications
Note 6
Human body model 15 kX in series with 100 pF
Schematic Diagram
TLH7758 – 8
3



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com