Electronic Components Datasheet Search
  English  ▼

X  

LM108 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM108
Description  Operational Amplifiers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM108 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LM108 Datasheet HTML 2Page - National Semiconductor (TI) LM108 Datasheet HTML 3Page - National Semiconductor (TI) LM108 Datasheet HTML 4Page - National Semiconductor (TI) LM108 Datasheet HTML 5Page - National Semiconductor (TI) LM108 Datasheet HTML 6Page - National Semiconductor (TI) LM108 Datasheet HTML 7Page - National Semiconductor (TI) LM108 Datasheet HTML 8Page - National Semiconductor (TI) LM108 Datasheet HTML 9Page - National Semiconductor (TI) LM108 Datasheet HTML 10Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Typical Applications (Continued)
Fast Summing Amplifier
In addition to increasing
Power Bandwidth 250 KHz
speed the LM101A raises
Small Signal Bandwidth 35 MHz
high and low frequency
Slew Rate 10V mS
gain increases output
C5 e
6 c 10b8
Rf
drive capability and eliminates
thermal feedback
TLH7758 – 12
Connection Diagrams
Metal Can Package
TLH7758 – 13
Package is connected to Pin 4 (Vb)
Unused pin (no internal connection) to allow for input anti-leakage guard
ring on printed circuit board layout
Order Number LM108H LM108H883
LM308AH or LM308H
See NS Package Number H08C
Dual-In-Line Package
TLH7758 – 15
Top View
Order Number LM108J-8883 LM308M or LM308N
See NS Package Number J08A M08A or N08E
TLH7758 – 16
Top View
Order Number LM108J883
See NS Package Number J14A
TLH7758 – 17
Order Number LM108W883
See NS Package Number W10A
Also available per JM3851010104
7



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com