Electronic Components Datasheet Search
  English  ▼

X  

LM108AWG/883 Datasheet(PDF) 13 Page - Texas Instruments

Part # LM108AWG/883
Description  LM108/LM108AQML Operational Amplifiers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM108AWG/883 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM108AWG/883 Datasheet HTML 9Page - Texas Instruments LM108AWG/883 Datasheet HTML 10Page - Texas Instruments LM108AWG/883 Datasheet HTML 11Page - Texas Instruments LM108AWG/883 Datasheet HTML 12Page - Texas Instruments LM108AWG/883 Datasheet HTML 13Page - Texas Instruments LM108AWG/883 Datasheet HTML 14Page - Texas Instruments LM108AWG/883 Datasheet HTML 15Page - Texas Instruments LM108AWG/883 Datasheet HTML 16Page - Texas Instruments LM108AWG/883 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
LM108A Rad Hard — Electrical Characteristics (Continued)
Post Radiation Parameters @ +25˚C (Note 11) (Continued)
The following conditions apply to all the following parameters, unless otherwise specified.
DC:
±V
CC = ±20V, VCM = 0V, RS =50
Ω
Symbol
Parameter
Conditions
Notes
Min
Max
Units
Sub-
groups
I
IO
Input Offset Current
+V
CC = 35V, -VCC = -5V,
V
CM = -15V
(Note 11)
0.5
nA
1
+V
CC = 5V, -VCC = -35V,
V
CM = -15V
(Note 11)
0.5
nA
1
(Note 11)
0.5
nA
1
+V
CC = +5V, -VCC = -5V
(Note 11)
0.5
nA
1
Note 2: Parameters have only been entered in the LM108 / LM108A column if different from LM108RH
Note 3: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
functional, but do not guarantee specific performance limits. For guaranteed specifications and test conditions, see the Electrical Characteristics. The guaranteed
specifications apply only for the test conditions listed. Some performance characteristics may degrade when the device is not operated under the listed test
conditions.
Note 4: The maximum power dissipation must be derated at elevated temperatures and is dictated by TJmax (maximum junction temperature), θJA (package
junction to ambient thermal resistance), and TA (ambient temperature). The maximum allowable power dissipation at any temperature is PDmax=(TJmax - TA)/θJA
or the number given in the Absolute Maximum Ratings, whichever is lower.
Note 5: The inputs are shunted with back-to-back diodes for over voltage protection. Therefore, excessive current will flow if a differential input voltage in excess
of 1V is applied between the inputs unless some limiting resistance is used.
Note 6: For supply voltages less than ±20V, the absolute maximum input voltage is equal to the supply voltage.
Note 7: This rating is ±1.0V unless resistances of 2K Ohms or greater are inserted in series with the inputs to limit current in the input shunt diodes to the maximum
allowable value..
Note 8: Human body model, 1.5 k
Ω in series with 100 pF.
Note 9: Calculated parameter
Note 10: Datalog reading in K = V/mV
Note 11: Pre and post irradiation limits are identical to those listed under AC and DC electrical characteristics except as listed in the Post Radiation Limits Table.
These parts may be dose rate sensitive in a space environment and demonstrate enhanced low dose rate effect. Radiation end point limits for the noted parameters
are guaranteed only for the conditions as specified in MIL-STD-883, Method 1019.5.
Note 12: Parameter tested Go-No-Go
Note 13: Guaranteed parameter not tested.
Note 14: Calculated parameter for Class “S” only
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com