Electronic Components Datasheet Search
  English  ▼

X  

LM108AWG/883 Datasheet(PDF) 2 Page - Texas Instruments

Part # LM108AWG/883
Description  LM108/LM108AQML Operational Amplifiers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM108AWG/883 Datasheet(HTML) 2 Page - Texas Instruments

  LM108AWG/883 Datasheet HTML 1Page - Texas Instruments LM108AWG/883 Datasheet HTML 2Page - Texas Instruments LM108AWG/883 Datasheet HTML 3Page - Texas Instruments LM108AWG/883 Datasheet HTML 4Page - Texas Instruments LM108AWG/883 Datasheet HTML 5Page - Texas Instruments LM108AWG/883 Datasheet HTML 6Page - Texas Instruments LM108AWG/883 Datasheet HTML 7Page - Texas Instruments LM108AWG/883 Datasheet HTML 8Page - Texas Instruments LM108AWG/883 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
LM108/LM108AQML
Operational Amplifiers
General Description
The LM108 is a precision operational amplifier having speci-
fications a factor of ten better than FET amplifiers over a
−55˚C to +125˚C temperature range.
The devices operate with supply voltages from ±2V to ±20V
and have sufficient supply rejection to use unregulated sup-
plies. Although the circuit is interchangeable with, and uses
the same compensation as the LM101A, an alternate com-
pensation scheme can be used to make it particularly insen-
sitive to power supply noise and to make supply bypass
capacitors unnecessary.
The low current error of the LM108 makes possible many
designs that are not practical with conventional amplifiers. In
fact, it operates from 10 M
Ω source resistances, introducing
less error than devices like the 709 with 10 k
Ω sources.
Integrators with drifts less than 500 µV/sec and analog time
delays in excess of one hour can be made using capacitors
no larger than 1 µF.
Features
n
Maximum input bias current of 3.0 nA over temperature
n
Offset current less than 400 pA over temperature
n
Supply current of only 300 µA, even in saturation
n
Guaranteed drift characteristics
Ordering Information
NS PART NUMBER
SMD PART NUMBER
NS PACKAGE NUMBER
PACKAGE DISCRIPTION
LM108AH/883
H08C
8LD Metal Can
LM108AJ-8/883
J08A
8LD CERDIP
LM108AJ/883
J14A
14LD CERDIP
LM108AWG/883
WG10A
10LD Ceramic SOIC
LM108AHRQML
5962R9863702QGA
100k rd(Si)
H08C
8LD Metal Can
LM108AHRQMLV
5962R9863702VGA
100k rd(Si)
H08C
8LD Metal Can
LM108AJ-8RQMLV
5962R9863702VPA
100k rd(Si)
J08A
8LD CERDIP
LM108AJRQML
5962R9863702QCA
100k rd(Si)
J14A
14LD CERDIP
LM108AJRQMLV
5962R9863702VCA
100k rd(Si)
J14A
14LD CERDIP
LM108AWGRQML
5962R9863702QZA
100k rd(Si)
WG10A
10LD Ceramic SOIC
LM108AWGRQMLV
5962R9863702VZA
100k rd(Si)
WG10A
10LD Ceramic SOIC
LM108AWRQML
5962R9863702QHA
100k rd(Si)
W10A
10LD CERPACK
LM108AWRQMLV
5962R9863702VHA
100k rd(Si)
W10A
10LD CERPACK
LM108H/883
H08C
8LD Metal Can
LM108J/883
J14A
14LD CERDIP
LM108J-8/883
J08A
8LD CERDIP
December 2005
© 2005 National Semiconductor Corporation
DS201206
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com