Electronic Components Datasheet Search
  English  ▼

X  

2RB-9C Datasheet(PDF) 2 Page - Ruilongyuan Electronics Co.,Ltd

Part # 2RB-9C
Description  Gas Discharge Tubes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUILON [Ruilongyuan Electronics Co.,Ltd]
Direct Link  http://www.rulion.com
Logo RUILON - Ruilongyuan Electronics Co.,Ltd

2RB-9C Datasheet(HTML) 2 Page - Ruilongyuan Electronics Co.,Ltd

  2RB-9C Datasheet HTML 1Page - Ruilongyuan Electronics Co.,Ltd 2RB-9C Datasheet HTML 2Page - Ruilongyuan Electronics Co.,Ltd 2RB-9C Datasheet HTML 3Page - Ruilongyuan Electronics Co.,Ltd 2RB-9C Datasheet HTML 4Page - Ruilongyuan Electronics Co.,Ltd 2RB-9C Datasheet HTML 5Page - Ruilongyuan Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Circuit Protection
System
Page:1
Specifications are subject to change without notice.
Please refer to http://www.ruilon.com for current information.
Gas Discharge Tubes - 2RB-9C Series
1. Small size
2. Very fast response time
3. Suitable for direct strikes
4. Stable performance over life
5. Very low capacitance
6. High insulation resistance
Features
Recommended Applications
1. High frequency lines
2. CATV equipment
3. Test equipment
4. Basestation
GDT are designed for a high degree of surge protection at a low cost. It
operate on the gas physical principle of the highly effective arc discharge.
The 2RB-9C Series is used for protecting equipment for which higher
voltage limits and high frequency are necessary. Comgaps function as
switches which dissipate a mini-mum amount of energy and therefore
handle currents that far surpass other types of transient voltage protection.
Part Number Code
2
R
0
9
0
B
-
9
C
Series
DC Line
Voltage
Electrical
Characteristics
B=10000A
Dimensions
Coaxial



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com