Electronic Components Datasheet Search
  English  ▼

X  

2RB-9C Datasheet(PDF) 3 Page - Ruilongyuan Electronics Co.,Ltd

Part # 2RB-9C
Description  Gas Discharge Tubes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUILON [Ruilongyuan Electronics Co.,Ltd]
Direct Link  http://www.rulion.com
Logo RUILON - Ruilongyuan Electronics Co.,Ltd

2RB-9C Datasheet(HTML) 3 Page - Ruilongyuan Electronics Co.,Ltd

  2RB-9C Datasheet HTML 1Page - Ruilongyuan Electronics Co.,Ltd 2RB-9C Datasheet HTML 2Page - Ruilongyuan Electronics Co.,Ltd 2RB-9C Datasheet HTML 3Page - Ruilongyuan Electronics Co.,Ltd 2RB-9C Datasheet HTML 4Page - Ruilongyuan Electronics Co.,Ltd 2RB-9C Datasheet HTML 5Page - Ruilongyuan Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Gas Discharge Tubes - 2RB-9C Series
Circuit Protection
System
Page:2
Specifications are subject to change without notice.
Please refer to http://www.ruilon.com for current information.
Dimension
Electriacl Characteristics
Part No.
DC
Spark-over
Voltage
Maximum
Impulse
Breakdown
Voltage
Max. Impulse
Discharge
Current
(8/20μs)
Impulse
Life
(10/1000μs)
Normal
Alternating
Discharge
Current
Minimum
Insulation
Resistance
Maximum
Capacitance
(1MHz)
100V/S
1KV/μs
1
times
10
times
100 A
50Hz
1Sec
(V)
(V)
(KA)
Times
(A)
(GΩ)
(pF)
2R090B-9C
90±20%
<600
12
10
300
10
1
1
2R150B-9C
150±20%
<600
12
10
300
10
1
1
2R230B-9C
230±20%
<700
12
10
300
10
1
1
2R300B-9C
300±20%
<700
12
10
300
10
1
1
2R350B-9C
350±20%
<1000
12
10
300
10
1
1
2R470B-9C
470±20%
<1200
12
10
300
10
1
1
2R600B-9C
600±20%
<1400
12
10
300
10
1
1
Unit:mm



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com