Electronic Components Datasheet Search
  English  ▼

X  

PX401 Datasheet(PDF) 1 Page - C&D Technologies

Part # PX401
Description  400 WATT AC/DC POWER SUPPLY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

PX401 Datasheet(HTML) 1 Page - C&D Technologies

  PX401 Datasheet HTML 1Page - C&D Technologies PX401 Datasheet HTML 2Page - C&D Technologies PX401 Datasheet HTML 3Page - C&D Technologies PX401 Datasheet HTML 4Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PX401 4/98 REV B
Page 1
DESCRIPTION
The PX401 is a compact 400 watt Power Factor Corrected,
multiple output power supply. All outputs are fully isolated
and regulated. Active current sharing circuitry, together with
control functions and alarm options, simplifies N+1 and
redundant applications. Fan and disk drive applications are
handled by the peak current ratings of the auxiliary outputs.
!
!
!
!
! Active Power Factor Correction
!
!
!
!
! High Surge Current Auxiliary Outputs
!
!
!
!
! FCC/VDE Class B EMI Filter
!
!
!
!
! Fully Isolated and Regulated Outputs
!
!
!
!
! Compact Size: 10” x 4.85” x 2.19”
!
!
!
!
! One,Two,Three and Four Output Models
!
!
!
!
! Optional Cover With Fan
FEATURES
400 WATT
AC/DC POWER SUPPLY
Product Data Sheet
PX401/403
AGENCY APPROVALS
Internet: http://www.cdpowerelectronics.com
Power Electronics Division, United States
3400 E Britannia Drive, Tucson, Arizona 85706
Phone: 800.547.2537
Fax: 520.770.9369
Power Electronics Division, Europe
C&D Technologies (Power Electronics) Ltd.
132 Shannon Industrial Estate, Shannon, Co. Clare, Ireland
Tel: +353.61.474.133
Fax:+353.61.474.141


Similar Part No. - PX401

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
PX401/403-U3A CANDD-PX401/403-U3A Datasheet
116Kb / 4P
AC/DC Power Supply
PX401/403-U3B CANDD-PX401/403-U3B Datasheet
116Kb / 4P
AC/DC Power Supply
PX401/403-U4C CANDD-PX401/403-U4C Datasheet
116Kb / 4P
AC/DC Power Supply
PX401/403-U4D CANDD-PX401/403-U4D Datasheet
116Kb / 4P
AC/DC Power Supply
PX401/403-U4E CANDD-PX401/403-U4E Datasheet
116Kb / 4P
AC/DC Power Supply
More results

Similar Description - PX401

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
PX400 CANDD-PX400 Datasheet
164Kb / 4P
400 WATT AC/DC POWER SUPPLY
PX500 CANDD-PX500 Datasheet
154Kb / 4P
500 WATT AC/DC POWER SUPPLY
SX400 CANDD-SX400 Datasheet
166Kb / 4P
400 WATT AC/DC POWER SUPPLY
logo
Wall Industries,Inc.
PSRL5016E4 WALL-PSRL5016E4 Datasheet
243Kb / 3P
Active PFC 400 Watt Single Output AC/DC Switching Power Supply
PSRL5016U4 WALL-PSRL5016U4 Datasheet
243Kb / 3P
Active PFC 400 Watt Single Output AC/DC Switching Power Supply
logo
Murata Manufacturing Co...
CEF400-112C MURATA-CEF400-112C Datasheet
583Kb / 3P
400 Watt Open Frame Single Output AC/DC Switching Power Supply
logo
Murata Power Solutions ...
CEF400-112C MURATA-PS-CEF400-112C Datasheet
215Kb / 3P
400 Watt Open Frame Single Output AC/DC Switching Power Supply
logo
ETA-USA
AOPS100 ETA-USA-AOPS100 Datasheet
2Mb / 7P
100 Watt AC/DC Power Supply
DAC25-SX ETA-USA-DAC25-SX Datasheet
2Mb / 4P
25 Watt AC/DC Power Supply
OAC10-3.3 ETA-USA-OAC10-3.3 Datasheet
1Mb / 3P
10 Watt AC/DC Power Supply
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com