Electronic Components Datasheet Search
  English  ▼

X  

PX401 Datasheet(PDF) 3 Page - C&D Technologies

Part # PX401
Description  400 WATT AC/DC POWER SUPPLY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

PX401 Datasheet(HTML) 3 Page - C&D Technologies

  PX401 Datasheet HTML 1Page - C&D Technologies PX401 Datasheet HTML 2Page - C&D Technologies PX401 Datasheet HTML 3Page - C&D Technologies PX401 Datasheet HTML 4Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PX401 4/98 REV B
Page 3
Output Voltages and Maximum Rated Loads
OUTPUT #1
OUTPUT #2
OUTPUT #3
OUTPUT #4
MODEL NUMBER
VOUT
IMAX
VNOM
IMAX/IPK
VNOM IMAX/IPK
VNOM
IMAX
PX401/403-U3A
± 5V
50A
± 12V
12A/14A
± 12V
12A/14A
-
-
PX401/403-U3B
± 5V
50A
± 15V
12A/14A
± 15V
12A/14A
-
-
PX401/403-U4C
± 5V
50A
± 12V
10A/12A
± 12V
10A/12A
± 5V
3.0A
PX401/403-U4D
± 5V
50A
± 12V
10A/12A
± 12V
10A/12A
± 24V
2.0A
PX401/403-U4E
± 5V
50A
± 12V
10A/12A
± 12V
10A/12A
± 12V
3.0A
PX401/403-U4F
± 5V
50A
± 15V
10A/12A
± 15V
10A/12A
± 5V
3.0A
PX401/403-U4G
± 5V
50A
± 15V
10A/12A
± 15V
10A/12A
± 24V
2.0A
PX401/403-U4H
± 5V
50A
± 12V
10A/12A
± 12V
10A/12A
± 5.2V
10.0A
PX401/403-U4I
± 5V
50A
± 15V
10A
± 15V
10A
± 5.2V
10.0A
PX401/403-U4J
± 5V
20A
± 17V
3A
± 17V
3A
± 24V
10.0A
PX401/403-U4K
± 5V
25A
± 12V
10A
± 12V
10A
± 12V
4.0A
PX401/403-U4L
± 5V
30A
± 12V
10A
± 12V
10A
± 5.2V
3.0A
PX401/403-U4M
± 5V
30A
± 15V
12A
± 15V
12A
± 5.2V
10.0A
PX401/403-U4N
± 5V
70A
± 12V
12A
± 12V
12A
± 3.3V
10.0A
PX401/403-U4P
± 5V
30A
± 12V
10A
± 12V
12A
± 24V
3.0A
PX401/403-U4R
± 5V
20A
± 15V
4A
± 15V
4A
± 24V
10.0A
PX401/403-U4S
± 5V
20A
± 12V
8A
± 12V
3A
± 24V
10.0A
Output Specifications
Parameter
Limits
Regulation
Line
± 0.1%
Load
±0.5%
Cross
±0.1%
Minimum Load
Output #1
2.5A
Hold-Up Time
30mSec at Full Load
Parameter
Conditions
Min
Typ
Max
Units
Voltage Adustment Range
±5
%
PARD
20 MHz bandwidth
0.5
% P-P
Temperature
Operating
050
°C
Storage
-20
+85
°C
Temperature Coefficient (TC)
After half hour warm-up
± 0.02
%/°C
Note: Peak current ratings are for 10sec maximum. Total power not to exceed 400 watts.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com