Electronic Components Datasheet Search
  English  ▼

X  

PX500 Datasheet(PDF) 1 Page - C&D Technologies

Part # PX500
Description  500 WATT AC/DC POWER SUPPLY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

PX500 Datasheet(HTML) 1 Page - C&D Technologies

  PX500 Datasheet HTML 1Page - C&D Technologies PX500 Datasheet HTML 2Page - C&D Technologies PX500 Datasheet HTML 3Page - C&D Technologies PX500 Datasheet HTML 4Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PX500 1/98 REV A
Page 1
DESCRIPTION
The PX500 is a compact 500 watt Power Factor
Corrected, multiple output power supply. All outputs
are fully isolated and regulated. Active current sharing
circuitry, together with control functions and alarm
options, simplifies N+1 and redundant applications. Fan
and disk drive applications are handled by the peak
current ratings of the auxiliary outputs.
FEATURES
!
!
!
!
! Active Power Factor Correction
!
!
!
!
! High Surge Current Auxiliary Outputs
!
!
!
!
! Fully Isolated Outputs
!
!
!
!
! One, Two, Three or Four Output Models
!
!
!
!
! N + 1 Current Sharing
!
!
!
!
! FCC/VDE Class B EMI Filter Standard
!
!
!
!
! Fast Transient Response
!
!
!
!
! Optional Cover With Fan
500 WATT
AC/DC POWER SUPPLY
PX500
Product Data Sheet
Internet: http://www.cdpowerelectronics.com
Power Electronics Division, United States
3400 E Britannia Drive, Tucson, Arizona 85706
Phone: 800.547.2537
Fax: 520.770.9369
Power Electronics Division, Europe
C&D Technologies (Power Electronics) Ltd.
132 Shannon Industrial Estate, Shannon, Co. Clare, Ireland
Tel: +353.61.474.133
Fax:+353.61.474.141


Similar Part No. - PX500

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
PX500 CANDD-PX500 Datasheet
276Kb / 4P
AC/DC 500W Multiple Output Power Supply
logo
Sensata Technologies, I...
PX500 SENSATA-PX500 Datasheet
226Kb / 3P
AGILE MODULAR PRESSURE (AMP)
Rev.06/08/2023
PX500-3000-A-A-1-A SENSATA-PX500-3000-A-A-1-A Datasheet
226Kb / 3P
AGILE MODULAR PRESSURE (AMP)
Rev.06/08/2023
PX500-3000-A-A-1-B SENSATA-PX500-3000-A-A-1-B Datasheet
226Kb / 3P
AGILE MODULAR PRESSURE (AMP)
Rev.06/08/2023
PX500-3000-A-A-1-C SENSATA-PX500-3000-A-A-1-C Datasheet
226Kb / 3P
AGILE MODULAR PRESSURE (AMP)
Rev.06/08/2023
More results

Similar Description - PX500

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
KX500 CANDD-KX500 Datasheet
204Kb / 4P
500 WATT AC/DC POWER SUPPLY
SX400 CANDD-SX400 Datasheet
166Kb / 4P
400 WATT AC/DC POWER SUPPLY
SX500 CANDD-SX500 Datasheet
475Kb / 4P
500 WATT AC/DC POWER SUPPLY
TX1000 CANDD-TX1000 Datasheet
161Kb / 4P
1000 WATT AC/DC POWER SUPPLY
TXD2000 CANDD-TXD2000 Datasheet
202Kb / 4P
2000 WATT AC/DC POWER SUPPLY
logo
ETA-USA
AOPS100 ETA-USA-AOPS100 Datasheet
2Mb / 7P
100 Watt AC/DC Power Supply
AOPS1000 ETA-USA-AOPS1000 Datasheet
905Kb / 7P
1000 Watt AC/DC Power Supply
DAC25-SX ETA-USA-DAC25-SX Datasheet
2Mb / 4P
25 Watt AC/DC Power Supply
OAC10-3.3 ETA-USA-OAC10-3.3 Datasheet
1Mb / 3P
10 Watt AC/DC Power Supply
logo
TRACO Electronic AG
TXLN500 TRACOPOWER-TXLN500 Datasheet
944Kb / 5P
AC/DC Power Supply TXLN 500 Series, 500 Watt
Rev. March 16, 2023
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com