Electronic Components Datasheet Search
  English  ▼

X  

PX500 Datasheet(PDF) 2 Page - C&D Technologies

Part # PX500
Description  500 WATT AC/DC POWER SUPPLY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

PX500 Datasheet(HTML) 2 Page - C&D Technologies

  PX500 Datasheet HTML 1Page - C&D Technologies PX500 Datasheet HTML 2Page - C&D Technologies PX500 Datasheet HTML 3Page - C&D Technologies PX500 Datasheet HTML 4Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PX500 1/98 REV A
Page 2
Input Specifications
Parameter
Conditions
Min
Typ
Max
Units
Operating Range
47-63 Hz
90
264
VAC
Inrush Current Limiting
120VAC, cold start
30
APK
240VAC, cold start
70
APK
Efficiency
120VAC, full load
70%
240VAC, full load
75%
Power Factor Correction (PFC)
0.99
Meets IEC 1000-4-7/EN61000-2-3 (formerly IEC 555-2)
Remote Sense
Remote Sense is provided on Output #1 and will com-
pensate for 1.0V of line drop. Remote Sense leads are
protected against open, short and reversal.
Remote On/Off (Optional)
The power supply is turned on with a TTL logic ‘1’ (or
open) signal and turned off by a switch closure or TTL
logic ‘0’ referenced to (-) sense terminal. Consult the
factory for other options.
Over Voltage Protection
Output #1: 6.5V, ±0.5 VDC
The power supply will latch off until AC power is cycled.
Over Current Protection
Individual current limit on all outputs. Automatic recovery
upon fault removal.
Transient Response
The peak output voltage excursion will not exceed 2% and
will recover within 1% in 400
µsec for a 25% step load.
Output Isolation
All outputs are fully isolated.
N+1 Load Share
Output #1 has active load sharing circuitry. Units will load
share within 1.0% of Maximum Rated Load.
Power Fail Signal
Upon AC input voltage removal, the power fail signal
drops to logic zero at least 5msec before loss of DC
output. Upon AC input turn-on, signal remains low until
outputs are in regulation. Consult the factory for other
options.
Over Temperature Protection
Internal thermal switch turns off power supply if over-
heating occurs and automatically restarts. Automatic
restart when temperature drops below threshold.
Safety
UL Recognized: UL File Number E14675 (1950 & 1012)
CSA Certified: CSA File Number LR 9070-154C
(C22.2 No9. 234-M90, Level 6)
TUV License Number: R9576030 (EN60950) (IEC950)
Cooling
The unit is designed to operate with 40 CFM of airflow.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com