Electronic Components Datasheet Search
  English  ▼

X  

RM4850 Datasheet(PDF) 1 Page - C&D Technologies

Part # RM4850
Description  50 AMP MODULAR SWITCHED MODE RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

RM4850 Datasheet(HTML) 1 Page - C&D Technologies

  RM4850 Datasheet HTML 1Page - C&D Technologies RM4850 Datasheet HTML 2Page - C&D Technologies RM4850 Datasheet HTML 3Page - C&D Technologies RM4850 Datasheet HTML 4Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
RM4850 4/98 REV A
Page 1
50 AMP
MODULAR SWITCHED MODE RECTIFIER
RM4850
FEATURES
•
SWITCHED MODE
• >.99 PFC
•
>90% EFFICIENCY
• AUTOMATIC LOAD SHARING
•
HOT-SWAP CAPABLE
• COMPACT SIZE
•
SHELF MOUNTED
• SOFT START TURN-ON
•
ESD TO 20,000 VOLTS
•
-40°CTO 65°C FULL OPERATION WITHOUT DERATING
•
REMOTE EMERGENCY POWER DISCONNECT
!
•
TELECOM BULK POWER RATED
!
•
BELLCORE COMPLIANT
•
INFINITE, FULL CURRENT SHORT CIRCUIT
CAPABLE
!
•
BUILT-IN AC & DC DISCONNECTS
•
FRONT PANEL METER
•
BATTERY OR BATTERYLESS OPERATION
•
INTELLIGENT HIGH VOLTAGE SHUTDOWN
•
GUARANTEED NO SINGLE COMPONENT FAILURE
CAN LEAD TO OUTPUT HIGH VOLTAGE
!
•
GUARANTEED SAFE OPERATIONTO 300 VAC
•
ENVIRONMENTALLY HARDENED
!
•
THD < 5%
Product Data Sheet
DESCRIPTION
The RM4850 Modular Switch-Mode Rectifier is one of C&D
Technologies’ family of rectifiers that may be used in modular
power plants. This high power unit will function in parallel
with any rectifier with similar current sharing capacities. This
versatile and efficient rectifier is ideal for use in advanced
telecommunications applications. Its small size allows the
user to plan economically for system expansion at minimum
cost and makes it ideal for use in fiber optic, microwave
and other applications where space is at a premium.
AGENCY APPROVALS
Internet: http://www.cdpowerelectronics.com
Power Electronics Division, United States
3400 E Britannia Drive, Tucson, Arizona 85706
Phone: 800.547.2537
Fax: 520.770.9369
Power Electronics Division, Europe
C&D Technologies (Power Electronics) Ltd.
132 Shannon Industrial Estate, Shannon, Co. Clare, Ireland
Tel: +353.61.474.133
Fax:+353.61.474.141


Similar Part No. - RM4850

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
RM4830 CANDD-RM4830 Datasheet
210Kb / 4P
30 AMP MODULAR SWITCHED MODE RECTIFIER
RM4830 CANDD-RM4830 Datasheet
117Kb / 4P
MODULAR SWITCHED MODE RECTIFIER
RM4875 CANDD-RM4875 Datasheet
167Kb / 4P
7.5 AMP Modular Switch Mode Rectifier
RM4875 CANDD-RM4875 Datasheet
118Kb / 4P
MODULAR SWITCH MODE RECTIFIER
logo
Texas Instruments
RM48L530 TI1-RM48L530 Datasheet
2Mb / 147P
RM48Lx30 16/32-Bit RISC Flash Microcontroller
More results

Similar Description - RM4850

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STSR220 STMICROELECTRONICS-STSR220 Datasheet
23Kb / 3P
HIGH EFFICIENCY SWITCHED MODE RECTIFIER
Oct-1999
logo
C&D Technologies
5RM487 CANDD-5RM487 Datasheet
167Kb / 4P
7.5 AMP Modular Switch Mode Rectifier
RM24150 CANDD-RM24150 Datasheet
425Kb / 4P
150 AMP MODULAR SWITCHED MODE RECTIFIER
RM4830 CANDD-RM4830 Datasheet
210Kb / 4P
30 AMP MODULAR SWITCHED MODE RECTIFIER
logo
Microsemi Corporation
1N6097 MICROSEMI-1N6097 Datasheet
120Kb / 2P
50 Amp Schottky Rectifier
SBR5090PF MICROSEMI-SBR5090PF Datasheet
111Kb / 2P
50 Amp Schottky Rectifier
logo
C&D Technologies
TPS_RM4830 CANDD-TPS_RM4830 Datasheet
117Kb / 4P
MODULAR SWITCHED MODE RECTIFIER
TPS_RM4875 CANDD-TPS_RM4875 Datasheet
118Kb / 4P
MODULAR SWITCH MODE RECTIFIER
TPS_RM24150 CANDD-TPS_RM24150 Datasheet
130Kb / 4P
MODULAR SWITCHED MODE RECTIFIER
logo
Digitron Semiconductors
1N6097 DIGITRON-1N6097 Datasheet
135Kb / 2P
50 AMP SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com