Electronic Components Datasheet Search
  English  ▼

X  

RM4850 Datasheet(PDF) 3 Page - C&D Technologies

Part # RM4850
Description  50 AMP MODULAR SWITCHED MODE RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

RM4850 Datasheet(HTML) 3 Page - C&D Technologies

  RM4850 Datasheet HTML 1Page - C&D Technologies RM4850 Datasheet HTML 2Page - C&D Technologies RM4850 Datasheet HTML 3Page - C&D Technologies RM4850 Datasheet HTML 4Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
RM4850 4/98 REV A
Page 3
Output Specifications
Rectifier Failure Alarm (RFA)
Problems occurring because of an unacceptable relation-
ship between the output power and load conditions will
cause a Rectifier Failure Alarm (RFA). Conditions which
may lead to an RFA include:
Low Current - Output current has decreased to below
5% of its rated value.
Unit Shutdown - Any shutdown occurrence due to
overvoltage, external shutdown command, unacceptable
ambient temperature conditions or out of bounds AC input
voltage.
Fan Malfunction - The fan has stopped operating or is
not providing the airflow needed to cool the unit.
Over Temperature - The ambient temperature has
exceeded 65°C.
PROTECTION, ALARM AND CONTROL SYSTEMS
Parameter
Conditions
Min
Typ
Max
Units
Voltage Adjustment Range
float voltage
48
60
VDC
equalize voltage
48
60
VDC
Regulation
0-100% load within
specified input voltage and frequency range
± 0.5
%
Load Current
within a 10 - 100% rating
±10
%
Hold-Up Time
nominal AC line
>16
mS
Filtering
Voice band
<32
dBrnc
Wide band noise
@20 MHz
<250
mV p-p
ENVIRONMENTAL
Temperature
Operating
-40
+65
°C
-40
149
°F
Storage
-50
+85
°C
-58
185
°F
Humidity
non-condensing
0
95
%
Altitude
0
7000
ft.
0
2133
m
Heat Dissipation
@54V
1025
Btu/hr
Audible Noise
5 ft. from any vertical surface
<55
dBa
High Voltage Shutdown (HVSD)
The unit’s high voltage limit is adjustable up to 60VDC.
Shutdown occurs while voltage is high and the rectifier is
delivering greater than 10% rated current. When internal
shutdown occurs, the unit may be restarted by a local
switch or by a remote signal.
Surge Protection
The unit will withstand lightning and input surges of
6000V/3000A.
Under Voltage Protection
When input voltage is below 176 VAC, the rectifier’s
operation is automatically inhibited.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com