Electronic Components Datasheet Search
  English  ▼

X  

19218 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 19218
Description  Workstation Continuous Mini Monitor Operation, Installation and Maintenance
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

19218 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  19218 Datasheet HTML 1Page - List of Unclassifed Manufacturers 19218 Datasheet HTML 2Page - List of Unclassifed Manufacturers 19218 Datasheet HTML 3Page - List of Unclassifed Manufacturers 19218 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DESCO WEST - 3651 Walnut Avenue, Chino, CA 91710 • (909) 627-8178
DESCO EAST - One Colgate Way, Canton, MA 02021-1407 • (781) 821-8370 • Website: Desco.com
TB-3050 Page 3 of 4
© 2013 DESCO INDUSTRIES, INC.
Employee Owned
NOTE: Install the monitor to the worksurface by aligning
one snap at a time and applying a downward force
directly above that snap.
3. Plug the AC Adapter into the outlet and connect the
mini plug into the back side of the Monitor. The green
Worksurface LED should be lit. The Monitor is now
ready for use. If the red Worksurface LED is flashing,
check the snap fasteners for proper connection.
Installation on Micastat® Laminate
Materials Needed:
2 14244 Flush Mount Laminate Ground Inserts
1 14242 Installation Tool for Flush Mount Insert
1 09857 10mm Socket and Rivet (100 per pack)
2 8-32 button cap screws
1. Install the 14244 Flush Mount Inserts in the snap
pattern for the monitor.
2. Once installed, remove the 8-32 screw supplied.
3. Place a 10mm snap socket on top of the installed
14244 brass insert.
4. Screw the 10mm snap socket into place on the insert
using an 8-32 button cap screw.
5. Do this for both inserts and snap attach the mini
monitor into place; it is now grounded to and
monitoring the Micastat®.
Operation
When the Jewel® Workstation Continuous Mini Monitor
is installed and is connected to an ESD protective work
surface, and it is grounded via an AC adapter cord, the
monitor’s green Worksurface LED and its red Operator
LEDs should be on. The monitor takes 6 seconds to
activate its alarm circuitry when it is first plugged in.
• The AC adapter must include the ground reference on
the barrel of the output plug.
• The AC adapter therefore supplies the Monitor with
ground.
• The mat resistance is measured between the two
snaps on the bottom of the unit.
• This monitor simplifies the workstation, eliminating the
need for a separate mat ground cord.
TO USE THE MONITOR
1. Plug a wrist strap cord banana plug into the monitored
banana jack on the front of the unit. This
automatically activates the selected operator channel.
The red operator LED should turn on.
2. Remove the charges from your body by making
contact with a properly grounded ESD worksurface.
Snap the cord to the wristband, and fit it snugly onto
the wrist. This should silence the audio and cause the
LEDs to switch from red to green. If this does not
happen, check the coil cord for continuity or damage.
Examine the wrist and secure that it has a secure fit.
If you have dry skin, apply an approved dissipative
hand lotion such as Menda 35666 Reztore™ ESD
FRONT VIEW OF MONITOR
Worksurface
Monitors
worksurface
connection
Figure 3. Installation of the monitor to the worksurface
one snap at a time
The following procedure will outline how to correctly wire
the Jewel® Workstation Continuous Mini Monitor so as to
properly monitor an ESD protected workstation.
1. Confirm that the worksurface surface resistance is 5 x
108 Ohms or less and has a conductive layer.
2. A convenient 120 VAC outlet should be located and
tested for proper wiring and grounding. We
recommend the Desco 98130 AC Outlet Analyzer to
verify proper wiring and ground.
AC Adapter
ESD MAT
Park Snap
Figure 4. Operating the Jewel® Workstation Continuous
Mini Monitor



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com