Electronic Components Datasheet Search
  English  ▼

X  

19218 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # 19218
Description  Workstation Continuous Mini Monitor Operation, Installation and Maintenance
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

19218 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  19218 Datasheet HTML 1Page - List of Unclassifed Manufacturers 19218 Datasheet HTML 2Page - List of Unclassifed Manufacturers 19218 Datasheet HTML 3Page - List of Unclassifed Manufacturers 19218 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
DESCO WEST - 3651 Walnut Avenue, Chino, CA 91710 • (909) 627-8178
DESCO EAST - One Colgate Way, Canton, MA 02021-1407 • (781) 821-8370 • Website: Desco.com
TB-3050 Page 4 of 4
© 2013 DESCO INDUSTRIES, INC.
Employee Owned
Hand Lotion. When leaving the area, a person can
take the coil cord along or leave it attached to the
monitor in park position.
NOTE: Removing the banana plug from the monitor’s
operator jack will disable the audio alarm.
It is recommended that you use the Park Snap rather
than continuously removing the Banana Plug from its
jack. Doing so will increase the life span of the operator
jack. If your process requires the constant insertion and
removal of the banana plug, please contact your Desco
Representative for alternate solutions.
Specifications:
Test range of monitored circuit:
500K - 10M ohms†
Worksurface Limit*:
Set to 500 Megohms ± 20%
Operating Voltage:
24VAC, 50-60 Hz
Wrist strap open circuit voltage:
1.2 Volts peak to peak @ 1-2 MicroAmps
Mat test open circuit voltage:
5 - 7.5 Volts
Response time to alarm:
<50 mS
Operating Temperature:
32ºF - 100ºF
Humidity Range:
0-95% RH, non-condensing
Dimensions:
2.77" L x 2.07" W x .71" H
† This cannot be verified with standard DC test
equipment. The continuous monitor is an impedance
sensing device and the limits are determined by the
magnitude and angle of the impedance.
*Contact factory for special limits.
NOTE: Worksurface must have a conductive layer
such as Dual Layer Rubber or Dissipative 3-Layer
Vinyl or Micastat® Dissipative Laminate with conductive
buried layers. Desco continuous monitors are not
recommended for use with homogeneous matting.
Maintenance and Calibration
The Jewel® Workstation Continuous Mini Monitor is
solid state and designed to be maintenance free. It is
calibrated to NIST traceable standards. There are no
user adjustments necessary. Because of the wave
distortion impedance sensing nature of the test circuit,
special equipment is required for calibration. We
recommend that calibration be performed annually using
the Desco 98220 Continuous Monitor Calibration Unit.
The Calibration Unit is a most important product which
allows the customer to perform NIST traceable
calibration on continuous monitors. The 98220 is
designed to be used on the shop floor at the workstation,
virtually eliminating downtime, verifying that the
continuous monitor is operating within tolerances. The
98220 provides a simple and quick means to assure
compliance verificaton Per ANSI/ESD S20.20 Table 3
per ESD TR53.
Limited Warranty
Desco expressly warrants that for a period of one (1) year from the date
of purchase Desco Continuous Monitors will be free of defects in material
(parts) and workmanship (labor). Within the warranty period, a credit
for purchase of replacement Desco Continuous Monitors, or, at Desco’s
option, the Continuous Monitor will be repaired or replaced free of charge.
If product credit is issued, the amount will be calculated by multiplying the
unused portion of the expected one year life times the original unit purchase
price. Call Customer Service at 909-627-8178 (Chino, CA) or 781-821-8370
(Canton, MA) for Return Material Authorization (RMA) and proper shipping
instructions and address. Include a copy of your original packing slip,
invoice, or other proof of date of purchase. Any unit under warranty should
be shipped prepaid to the Desco factory. Warranty replacements will take
approximately two weeks.
If your unit is out of warranty, Desco will quote repair charges necessary
to bring your unit up to factory standards. Call Customer Service at 909-
627-8178 (Chino, CA) or 781-821-8370 (Canton, MA) for a Return Material
Authorization (RMA) and proper shipping instructions and address.
Warranty Exclusions
THE FOREGOING EXPRESS WARRANTY IS MADE IN LIEU OF
ALL OTHER PRODUCT WARRANTIES, EXPRESSED AND IMPLIED,
INCLUDING MERCHANTABILITY AND FITNESS FOR A PARTICULAR
PURPOSE WHICH ARE SPECIFICALLY DISCLAIMED. The express
warranty will not apply to defects or damage due to accidents, neglect,
misuse, alterations, operator error, or failure to properly maintain, clean or
repair products.
Limit of Liability
In no event will Desco or any seller be responsible or liable for any
injury, loss or damage, direct or consequent, arising out of the use of or
the inability to use the product. Before using, users shall determine the
suitability of the product for their intended use, and users assume all risk
and liability whatsoever in connection therewith.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com