Electronic Components Datasheet Search
  English  ▼

X  

WP05R Datasheet(PDF) 1 Page - C&D Technologies

Part # WP05R
Description  5 WATT UNREGULATED SMALL PACKAGE DC/DC CONVERTER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

WP05R Datasheet(HTML) 1 Page - C&D Technologies

  WP05R Datasheet HTML 1Page - C&D Technologies WP05R Datasheet HTML 2Page - C&D Technologies WP05R Datasheet HTML 3Page - C&D Technologies WP05R Datasheet HTML 4Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
WP05R 5/98 REV B
Page 1
FEATURES
SMALL PACKAGE SIZE: 1" X 2"
INDUSTRY STANDARD PINOUT
SURFACE MOUNT DEVICES (SMD)
LOW-COST ALTERNATE SOURCE
CONTINUOUS SHORT CIRCUIT PROTECTION
UL1950 RECOGNITION
(SOME MODELS PENDING)
MEETS FCC CLASS B
APPLICATIONS
TELECOMMUNICATION EQUIPMENT
BATTERY POWERED SYSTEMS
PORTABLE INSTRUMENTS
PROCESS CONTROL EQUIPMENT
TRANSPORTATION EQUIPMENT
DISTRIBUTED POWER SYSTEMS
SPACE-CRITICAL APPLICATIONS
DESCRIPTION
The WP05R Series is a family of high performance DC/DC
converters that offer high efficiency and regulated outputs
over a 2:1 input voltage range of either 18-36VDC or 36-
72 VDC.
Surface mount devices and manufacturing technology make
it possible to offer performance equivalent to competition
at a lower cost.
A self oscillating flyback topology coupled with a rugged
MOSPOWER transistor are used to produce a highly reli-
able product with a minimum parts count. The internal
body diodes of these FETS protect the unit against input
voltage reversal. An external fuse is required to limit the
body diode current to 2 amps.
The WP05R Series offers low noise (approximately 50 to
75mVp-p) without the addition of an external capacitor.
The series is also 6-sided shielded, further reducing
system noise. This shield is connected to -VIN.
No external heatsink is required for the WP05R Series
to supply its rated 5 watts. With a minimum amount of
airflow, the temperature range may be extended from
70°C to 85°C. (See derating curve.)
The package of the WP05R Series is plastic. This
eliminates the layout precautions required by metal
enclosed devices. The encapsulant material is rated
UL94V-0 for flammability and offers excellent heat
transfer characteristics.
Internal circuitry provides continuous short-circuit pro-
tection and automatic restart after the short is removed.
5 WATT REGULATED
SMALL PACKAGE DC/DC CONVERTER
Product Data Sheet
3400 E Britannia Drive
Tucson, Arizona 85706
Phone: 520.295.4100
Fax: 520.770.9369
Internet: http://www.cdpowerelectronics.com
WP05R


Similar Part No. - WP05R

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
WP06R CANDD-WP06R Datasheet
493Kb / 4P
5-6 WATT HIGH DENSITY, WIDE INPUT RANGE DC/DC CONVERTER
logo
Murata Power Solutions ...
WP06R MURATA-PS-WP06R Datasheet
184Kb / 4P
5-6 Watt High Density, Wide Input Range DC/DC Converter
logo
C&D Technologies
WP06R12D05 CANDD-WP06R12D05 Datasheet
493Kb / 4P
5-6 WATT HIGH DENSITY, WIDE INPUT RANGE DC/DC CONVERTER
logo
Murata Power Solutions ...
WP06R12D05 MURATA-PS-WP06R12D05 Datasheet
184Kb / 4P
5-6 Watt High Density, Wide Input Range DC/DC Converter
WP06R12D05C MURATA-PS-WP06R12D05C Datasheet
175Kb / 4P
5-6 Watt High Density, Wide Input Range DC/DC Converter
More results

Similar Description - WP05R

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
HL01U CANDD-HL01U Datasheet
54Kb / 4P
1 WATT UNREGULATED DC/DC CONVERTER
HL02U CANDD-HL02U Datasheet
53Kb / 4P
2 WATT UNREGULATED DC/DC CONVERTER
HPR7XX CANDD-HPR7XX Datasheet
34Kb / 4P
5 WATT UNREGULATED SIP DC/DC CONVERTER
PWR13XX CANDD-PWR13XX Datasheet
338Kb / 4P
1.5 WATT UNREGULATED DC/DC CONVERTER
PWR1546A CANDD-PWR1546A Datasheet
241Kb / 4P
5 WATT UNREGULATED DC/DC CONVERTER
PWR60XX CANDD-PWR60XX Datasheet
149Kb / 4P
1.8 WATT UNREGULATED DC/DC CONVERTER
PWR70XX CANDD-PWR70XX Datasheet
121Kb / 4P
5 WATT UNREGULATED DC/DC CONVERTER
logo
Murata Power Solutions ...
HL01U MURATA-PS-HL01U Datasheet
99Kb / 4P
1 WATT UNREGULATED DC/DC CONVERTER
HPR700 MURATA-PS-HPR700 Datasheet
96Kb / 3P
5 WATT UNREGULATED SIP DC/DC CONVERTER
HPR700C MURATA-PS-HPR700C Datasheet
117Kb / 3P
5 WATT UNREGULATED SIP DC/DC CONVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com