Electronic Components Datasheet Search
  English  ▼

X  

WP05R Datasheet(PDF) 3 Page - C&D Technologies

Part # WP05R
Description  5 WATT UNREGULATED SMALL PACKAGE DC/DC CONVERTER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

WP05R Datasheet(HTML) 3 Page - C&D Technologies

  WP05R Datasheet HTML 1Page - C&D Technologies WP05R Datasheet HTML 2Page - C&D Technologies WP05R Datasheet HTML 3Page - C&D Technologies WP05R Datasheet HTML 4Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
WP05R 5/98 REV B
Page 3
For maximum safety and system protection, a Buss
PC-TRON, PCB 2A fuse or equivalent should be used
in series with the input.
FUSING
ABSOLUTE MAXIMUM RATINGS
Output Short-Circuit Duration.............................................................Continuous
Case Temperature .....................................................................................100°C
Lead Temperature (soldering, 10 seconds max).....................................+300°C
ORDERING INFORMATION
Device Family
Indicates Wide Input Power 5 Watt Regulated Unit
Model Number
Selected From Table of Electrical Characteristics
Where:
xx = Input Voltage
y = Number of Outputs (Single "S", Dual "D")
zz = Output Voltage
Package Option
Screening Option
WP05R
xxyzz
N
/H
6
5
2.5W
2
1
0
-25
25
50
70°C
75
85°C
100
125
3
NATURAL
CONVECTION
Ambient Temperature (°C)
POWER DERATING
500
LFM
AIRFLOW
4
APPLICATION NOTES
2.000±0.015"
(50.80±0.38)
1.000±0.015"
(25.4±0.38)
0.015±.005"
(0.38)
0.170"
(4.32)
0.400±0.10"
(10.16)
Min.
0.040±0.003"
(1.02±0.08)
-VIN
+
VIN
+VOUT
-VOUT
* COM
MECHANICAL
BOTTOM VIEW
MATERIAL: Units are encapsulated in a low thermal resistance molding
compound which has excellent chemical resistance, wide operating tem-
perature range, and good electrical properties under high humidity environ-
ments. The encapsulant and the outer shell of the unit have UL94V-0
ratings. Lead material is brass with a solder plated surface to allow ease of
solderability.
PIN PLACEMENT TOLERANCE: ±0.015 inches.
NOTES: All dimensions are in inches (millimeters).
GRID: 0.100 inches (2.54 millimeters)
* Common pins are not present on single output
models.
Product marked with specific model ordered, date
code, job code.
SIDE VIEW
TOP VIEW



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com