Electronic Components Datasheet Search
  English  ▼

X  

WP06R Datasheet(PDF) 1 Page - C&D Technologies

Part # WP06R
Description  5-6 WATT HIGH DENSITY, WIDE INPUT RANGE DC/DC CONVERTER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

WP06R Datasheet(HTML) 1 Page - C&D Technologies

  WP06R Datasheet HTML 1Page - C&D Technologies WP06R Datasheet HTML 2Page - C&D Technologies WP06R Datasheet HTML 3Page - C&D Technologies WP06R Datasheet HTML 4Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
WP06R REV B 8/98
Page 1
PRODUCT SELECTION CHART
Specifications are at T
A = +25°C nominal input voltage, rated output current unless otherwise specified.
Corporate: www.cdtechno.com
Product: www.cdpowerelectronics.com
5-6 Watt High Density, Wide Input Range DC/DC Converter
WP06R
2:1 Input Voltage Range
Operating Temperature Range:
-40°C to +100°C
Industrial Standard 24 Pin DIL
Metal Case
Low Profile 0.4 Inch
Short Circuit Protection
Temperature Shutdown
Overvoltage Protection
The WP06R SERIES is a family of high
performance DC/DC converters that offers
regulated output power over three input
voltage ranges of 9-18V, 18-36V, and 34-
75V and over a wide operating
temperature range of -40°C to +100°C
without derating.
The 200kHz switching frequency and
flyback converter topology provide
optimum performance in a space-saving
package. The design utilizes all surface
mounted
components,
including
magnetics, to provide enhanced reliability.
All models will operate under no-load
conditions, although a minimum load is
specified for load regulation measurement
purposes.
The converter is packaged in a metal
case for improved EMI shielding and
immunity, and for superior thermal
performance.
Applications include: Telecom-
munications, Battery Powered Systems,
Portable Instruments, Process Control
Equipment, Transportation Equipment
and Distributed Power Systems.
NOMINAL
RATED
OUTPUT CURRENT (mA)
INPUT CURRENT (mA)
EFFICIENCY
INPUT
OUTPUT
MODEL*
VOLTAGE (VDC)
VOLTAGE (VDC)
MIN LOAD
RATED LOAD
MIN LOAD
RATED LOAD
(%)
WP06R12S05
12
5.0
100
1,000
75
540
75
WP06R12S12
12
12.0
42
416
75
520
77
WP06R12S15
12
15.0
33
333
75
520
77
WP06R12D05
12
+/-5.0
+/-50
+/-500
75
540
75
WP06R12D12
12
+/-12.0
+/-21
+/-208
75
520
77
WP06R12D15
12
+/-15.0
+/-17
+/-167
75
520
77
WP06R24S05
24
5.0
100
1,000
35
265
79
WP06R24S12
24
12.0
50
500
40
305
80
WP06R24S15
24
15.0
40
400
40
305
80
WP06R24D05
24
+/-5.0
+/-50
+/-500
35
265
79
WP06R24D12
24
+/-12.0
+/-25
+/-250
40
310
80
WP06R24D15
24
+/-15.0
+/-20
+/-200
40
310
80
WP06R48S05
48
5.0
100
1,000
18
130
80
WP06R48S12
48
12.0
50
500
22
150
81
WP06R48S15
48
15.0
40
400
22
150
81
WP06R48D05
48
+/-5.0
+/-50
+/-500
18
133
78
WP06R48D12
48
+/-12.0
+/-25
+/-250
22
151
81
WP06R48D15
48
+/-15.0
+/-20
+/-200
22
151
81
NOTES:
Other input to output voltages may be available. Please consult factory.
*A "P" at the end of the part number indicates positive ground option. "N" indicates negative ground option — this designator is mandatory.


Similar Part No. - WP06R

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
WP06R MURATA-PS-WP06R Datasheet
184Kb / 4P
5-6 Watt High Density, Wide Input Range DC/DC Converter
WP06R12D05 MURATA-PS-WP06R12D05 Datasheet
184Kb / 4P
5-6 Watt High Density, Wide Input Range DC/DC Converter
WP06R12D05C MURATA-PS-WP06R12D05C Datasheet
175Kb / 4P
5-6 Watt High Density, Wide Input Range DC/DC Converter
WP06R12D12 MURATA-PS-WP06R12D12 Datasheet
184Kb / 4P
5-6 Watt High Density, Wide Input Range DC/DC Converter
WP06R12D12C MURATA-PS-WP06R12D12C Datasheet
175Kb / 4P
5-6 Watt High Density, Wide Input Range DC/DC Converter
More results

Similar Description - WP06R

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
WFC02R CANDD-WFC02R Datasheet
177Kb / 4P
2 WATT REGULATED WIDE INPUT RANGE DC/DC CONVERTER
WPC03R CANDD-WPC03R Datasheet
328Kb / 4P
3 WATT REGULATED WIDE INPUT RANGE DC/DC CONVERTER
logo
Murata Power Solutions ...
PWR72 MURATA-PS-PWR72 Datasheet
87Kb / 2P
3 WATT UNREGULATED WIDE INPUT RANGE DC/DC CONVERTER
WFC02RC MURATA-PS-WFC02RC Datasheet
155Kb / 4P
2 WATT REGULATED WIDE INPUT RANGE DC/DC CONVERTER
WP06R MURATA-PS-WP06R Datasheet
184Kb / 4P
5-6 Watt High Density, Wide Input Range DC/DC Converter
WP06RC MURATA-PS-WP06RC Datasheet
175Kb / 4P
5-6 Watt High Density, Wide Input Range DC/DC Converter
WPC03R MURATA-PS-WPC03R Datasheet
189Kb / 4P
3 WATT REGULATED WIDE INPUT RANGE DC/DC CONVERTER
logo
Premier Magnetics, Inc.
PDCS06001 PMI-PDCS06001 Datasheet
31Kb / 2P
5-6 WATT 2:1 WIDE INPUT RANGE DC/DC POWER MODULES (Rectangle Package)
logo
Power Systems GmbH+Co.K...
LWS-0505E POWER-SYSTEMS-LWS-0505E Datasheet
222Kb / 6P
DC-DC Converter UNIT 5 W WIDE INPUT RANGE DC-DC CONVERTER
logo
CINCON ELECTRONICS Corp...
EC4SAW CINCON-EC4SAW Datasheet
284Kb / 2P
5-6 WATT WIDE INPUT DC-DC CONVERTERS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com