Electronic Components Datasheet Search
  English  ▼

X  

WP06R Datasheet(PDF) 3 Page - C&D Technologies

Part # WP06R
Description  5-6 WATT HIGH DENSITY, WIDE INPUT RANGE DC/DC CONVERTER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

WP06R Datasheet(HTML) 3 Page - C&D Technologies

  WP06R Datasheet HTML 1Page - C&D Technologies WP06R Datasheet HTML 2Page - C&D Technologies WP06R Datasheet HTML 3Page - C&D Technologies WP06R Datasheet HTML 4Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
WP06R REV B 8/98
Page 3
PIN CONNECTIONS
Pin Function
Number
Singles
Duals
2
-Vin
-Vin
3
-Vin
-Vin
5
On/Off (Optional)
On/Off (Optional)
9
No Connection
Com
10
No Connection
No Connection
11
No Connection
-Vout
14
+Vout
+Vout
15
No Connection
No Connection
16
-Vout
Com
22
+Vin
+Vin
23
+Vin
+Vin
MECHANICAL
NOTES:
1) All dimensions in inches (mm)
2) Case is metal and lead material is brass with a solder
plated surface to allow ease of solderability.
WP06RXXXXX
1.260"
(32.00)
0.787"
(20.00)
0.394"
(10.00)
0.020"
(0.50)
0.020"
(0.50)
0.256" (6.50)
0.180"
(4.57)
0.100"
(2.54)
0.200"
(5.08)
0.600"
(15.24)
0.093"
(2.36)
14 15 16
22 23
11 10 9
5
3 2
0.600"
(15.24)
THERMALDERATING CURVE
Extended operating area
For extended temperature operation,
a forced air flow 500 LFM is required.
SIMPLIFIED CIRCUIT SCHEMATIC
Control
Optical
Isolation
Voltage
Reference
+Vin
-Vo
Com
+Vo
-Vin



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com