Electronic Components Datasheet Search
  English  ▼

X  

50834 Datasheet(PDF) 7 Page - Analog Intergrations Corporation

Part # 50834
Description  STRATO-THERM Terminals & Splices for High Temperature Applications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

50834 Datasheet(HTML) 7 Page - Analog Intergrations Corporation

Back Button 50834 Datasheet HTML 3Page - Analog Intergrations Corporation 50834 Datasheet HTML 4Page - Analog Intergrations Corporation 50834 Datasheet HTML 5Page - Analog Intergrations Corporation 50834 Datasheet HTML 6Page - Analog Intergrations Corporation 50834 Datasheet HTML 7Page - Analog Intergrations Corporation 50834 Datasheet HTML 8Page - Analog Intergrations Corporation 50834 Datasheet HTML 9Page - Analog Intergrations Corporation 50834 Datasheet HTML 10Page - Analog Intergrations Corporation 50834 Datasheet HTML 11Page - Analog Intergrations Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
STRATO-THERM
Terminals & Splices for High Temperature Applications
Catalog 82011
Revised 3-98
Insulated Terminals and Splices (Continued)
For drawings, technical data or samples, contact your AMP sales engineer or call the AMP Product Information Center 1-800-522-6752.
Dimensions are in inches and millimeters unless otherwise specified. Values in brackets are metric equivalents.
Specifications subject to change. Consult AMP for latest specifications.
7
Wire
Tool
Insulation
Dimension
Ring
Part
Color
Diameter
Color
Numbers
Guide
Range
L Max.
.036 – .043
.500
0.91–1.09
12.70
Red and Green
328854
Green
.044 – .051
.500
1.12–1.30
12.70
Blue and Green
328855
Green
.052 – .056
.500
1.32–1.42
12.70
Yellow and Green
328856
Green
.056 – .064
.500
1.42–1.63
12.70
Brown and Green
328857
Green
.065 – .074
.500
1.65–1.88
12.70
Violet and Green
328858
Green
.075 – .087
.500
1.91–2.21
12.70
Black and Orange
328859
Orange
.088 – .110
.500
2.24–2.79
12.70
Gray and Orange
328860
Orange
.125 – .138
.500
3.18–3.51
12.70
Nickel and Nickel
328861
White
Related Product Data
Application Tooling — shown this
page
Pre-Insulated
Spare Wire Caps
(For Unstripped Wire)
Temperature Rating,
Material and Finish
Insulation — TEFLON
Ring — Copper per ASTM B152
Plating — Nickel per QQ-N-290,
550°F [288°C]
Tool Part No.
69272-1
Wire Size
Dimension
Metallic
Wire
Insulation
Part Numbers
Circular Mils
L Max.
Sleeve
Diameter
Loose Piece
[mm2]
Color
Max.
22-20
1.156
.100
509-1,290
29.36
Natural
2.54
330377
[0.26-0.65]
18-16
1.531
.140
1,600-2,800
38.89
Red
3.56
330378
[0.81-1.42]
14-12
1.781
.170
3,831-6,654
45.24
Blue
4.32
330379
[1.94-3.37]
Related Product Data
Application Tooling — pages 17-21
Pre-Insulated
Butt Splices
Temperature Rating,
Material and Finish
Insulation — TEFLON
Splice Body — Copper per
ASTM B152
Plating — Gold per MIL-G-45204
over Nickel per QQ-N-290, 500°F
[260°C]
Metallic Sleeve — Copper per
ASTM B152
Plating — Nickel per QQ-N-290,
550°F [288°C]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com