Electronic Components Datasheet Search
  English  ▼

X  

50834 Datasheet(PDF) 9 Page - Analog Intergrations Corporation

Part # 50834
Description  STRATO-THERM Terminals & Splices for High Temperature Applications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

50834 Datasheet(HTML) 9 Page - Analog Intergrations Corporation

Back Button 50834 Datasheet HTML 5Page - Analog Intergrations Corporation 50834 Datasheet HTML 6Page - Analog Intergrations Corporation 50834 Datasheet HTML 7Page - Analog Intergrations Corporation 50834 Datasheet HTML 8Page - Analog Intergrations Corporation 50834 Datasheet HTML 9Page - Analog Intergrations Corporation 50834 Datasheet HTML 10Page - Analog Intergrations Corporation 50834 Datasheet HTML 11Page - Analog Intergrations Corporation 50834 Datasheet HTML 12Page - Analog Intergrations Corporation 50834 Datasheet HTML 13Page - Analog Intergrations Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
STRATO-THERM
Terminals & Splices for High Temperature Applications
Catalog 82011
Revised 3-98
Uninsulated Terminals and Splices
For drawings, technical data or samples, contact your AMP sales engineer or call the AMP Product Information Center 1-800-522-6752.
Dimensions are in inches and millimeters unless otherwise specified. Values in brackets are metric equivalents.
Specifications subject to change. Consult AMP for latest specifications.
9
Solistrand
Heat Resistant
Ring Tongue Terminals
Temperature Rating,
Material and Finish
Terminal Body — Copper per
ASTM B152
Plating — Nickel per QQ-N-290,
650°F [343°C]
Related Product Data
Application Tooling — pages 17-21
Non-Insulation Support
Non-Insulation Support
(Wire Range 2 & 1/0)
Tongue
Dimensions
Part Numbers
Wire Size
Material
Stud
Style
Circular Mils
Thickness
Size
W
C
E
L
Loose
Tape
[mm2]
Max.
Max.
Max.
Piece
Mounted
.218
.156
.337
.449
6
A
5.54
3.96
8.56
11.40
322797
—
M3.5
.281
.250
.436
.574
22-16
.033
A
7.14
6.35
11.07
14.58
323219
—
509-3,260
0.84
8
.281
.250
.436
.574
[0.26-1.65]
M4
A
7.14
6.35
11.07
14.58
322798
—
.281
.250
.436
.574
10
A
7.14
6.35
11.07
14.58
322799
—
.343
.281
.462
.636
6
A
8.71
7.14
11.73
16.15
322693
—
M3.5
.250
.171
.352
.480
A
6.35
4.34
8.94
12.19
322805
—
16-14
.033
8
.343
.281
.462
.636
2,050-5,180
0.84
M4
A
8.71
7.14
11.73
16.15
322694
—
[1.04-2.62]
.343
.281
.462
.636
10
A
8.71
7.14
11.73
16.15
322695* 2-322695-2
1/4
.469
.437
.618
.855
M6
A
11.91
11.10
15.70
21.72
322733
—
6
.375
.302
.575
.765
M3.5
A
9.53
7.67
14.61
19.43
323060
—
8
.375
.302
.575
.765
M4
A
9.53
7.67
14.61
19.43
323061
—
.375
.302
.575
.765
12-10
.042
10
A
9.53
7.67
14.61
19.43
323062 2-323062-2
5,180-13,100
1.07
1/4
.531
.468
.736
1.004
[2.62-6.64]
M6
A
13.49
11.89
18.69
25.50
323063
—
5/16
.531
.468
.736
1.004
M8
A
13.49
11.89
18.69
25.50
323064
—
.593
.531
.799
1.098
3/8
A
15.06
13.49
20.29
27.89
323065
—
8
.406
.359
.743
.949
M4
A
10.31
9.12
18.87
24.10
2-324061-5
—
.406
.359
.743
.949
10
A
10.31
9.12
18.87
24.10
323165
—
8
.051
1/4
.469
.359
.696
.933
13,100-20,800
1.30
M6
A
11.91
9.12
17.68
23.70
323166
—
[6.64-10.5]
5/16
.562
.406
.790
1.074
M8
A
14.27
10.31
20.07
27.28
323167
—
.594
.531
.868
1.168
3/8
A
15.09
13.49
22.05
29.67
323168
—
.468
.531
.931
1.168
10
A
11.89
13.49
23.65
29.67
323169
—
1/4
.468
.531
.931
1.168
6
.060
M6
A
11.89
13.49
23.65
29.67
323170
—
20,800-33,100
1.52
5/16
.625
.531
.931
1.246
[10.5-16.8]
M8
A
15.88
13.49
23.65
31.65
323171
—
.625
.531
.931
1.246
3/8
A
15.88
13.49
23.65
31.65
323172
—
*Available in small packaging quantities.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com